Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF18NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF18NM60N
Description  N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  STF18NM60N Datasheet HTML 1Page - STMicroelectronics STF18NM60N Datasheet HTML 2Page - STMicroelectronics STF18NM60N Datasheet HTML 3Page - STMicroelectronics STF18NM60N Datasheet HTML 4Page - STMicroelectronics STF18NM60N Datasheet HTML 5Page - STMicroelectronics STF18NM60N Datasheet HTML 6Page - STMicroelectronics STF18NM60N Datasheet HTML 7Page - STMicroelectronics STF18NM60N Datasheet HTML 8Page - STMicroelectronics STF18NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
October 2012
Doc ID 15868 Rev 4
1/21
21
STB18NM60N, STF18NM60N,
STP18NM60N, STW18NM60N
N-channel 600 V, 0.26
Ω typ., 13 A MDmesh™ II Power MOSFET
in D2PAK, TO-220FP, TO-220 and TO-247
Datasheet — production data
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Applications
■ Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET associates a vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
Figure 1.
Internal schematic diagram
Order codes
VDSS
(@Tjmax)
RDS(on)
max.
ID
PTOT
STB18NM60N
650 V
< 0.285
Ω 13 A
110 W
STF18NM60N
30 W
STP18NM60N
110
STW18NM60N
TO-220
TO-220FP
1
2
3
TO-247
1
2
3
D²PAK
1
3
TAB
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB18NM60N
18NM60N
D²PAK
Tape and reel
STF18NM60N
18NM60N
TO-220FP
Tube
STP18NM60N
18NM60N
TO-220
Tube
STW18NM60N
18NM60N
TO-247
Tube
www.st.com


Similar Part No. - STF18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
01-Oct-2012
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
998Kb / 18P
N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
06-Oct-2010
logo
Inchange Semiconductor ...
STF18NM60N ISC-STF18NM60N Datasheet
294Kb / 2P
isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STF18NM60ND STMICROELECTRONICS-STF18NM60ND Datasheet
1Mb / 22P
N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
15-May-2013
logo
Inchange Semiconductor ...
STF18NM60ND ISC-STF18NM60ND Datasheet
311Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
11-Jun-2008
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
09-Jul-2008
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
N-channel 600 V, 0.135 Ω typ., 20 A MDmesh™II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
01-Oct-2012
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
05-Mar-2013
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
06-Oct-2010
STW19NM60N STMICROELECTRONICS-STW19NM60N Datasheet
1Mb / 13P
Automotive-grade N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in a TO-247 package
October 2013 Rev 2
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STW36NM60N STMICROELECTRONICS-STW36NM60N Datasheet
869Kb / 13P
N-channel 600 V, 0.092 Ω, 29 A, MDmesh™ II Power MOSFET in TO-247
21-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com