Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF18NM60N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF18NM60N
Description  N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18NM60N Datasheet(HTML) 5 Page - STMicroelectronics

  STF18NM60N Datasheet HTML 1Page - STMicroelectronics STF18NM60N Datasheet HTML 2Page - STMicroelectronics STF18NM60N Datasheet HTML 3Page - STMicroelectronics STF18NM60N Datasheet HTML 4Page - STMicroelectronics STF18NM60N Datasheet HTML 5Page - STMicroelectronics STF18NM60N Datasheet HTML 6Page - STMicroelectronics STF18NM60N Datasheet HTML 7Page - STMicroelectronics STF18NM60N Datasheet HTML 8Page - STMicroelectronics STF18NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STB18NM60N, STF18NM60N, STP18NM60N, STW18NM60N
Electrical characteristics
Doc ID 15868 Rev 4
5/21
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
13
52
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 13 A, VGS=0
-
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD =13 A, di/dt =100 A/µs,
VDD = 60 V
(see Figure 20)
-
300
4.0
25
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
VDD = 60 V
di/dt =100 A/µs, ISD = 13 A
Tj = 150°C (see Figure 20)
-
360
4.5
25
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com