Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF18NM60N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF18NM60N
Description  N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18NM60N Datasheet(HTML) 4 Page - STMicroelectronics

  STF18NM60N Datasheet HTML 1Page - STMicroelectronics STF18NM60N Datasheet HTML 2Page - STMicroelectronics STF18NM60N Datasheet HTML 3Page - STMicroelectronics STF18NM60N Datasheet HTML 4Page - STMicroelectronics STF18NM60N Datasheet HTML 5Page - STMicroelectronics STF18NM60N Datasheet HTML 6Page - STMicroelectronics STF18NM60N Datasheet HTML 7Page - STMicroelectronics STF18NM60N Datasheet HTML 8Page - STMicroelectronics STF18NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
STB18NM60N, STF18NM60N, STP18NM60N, STW18NM60N
4/21
Doc ID 15868 Rev 4
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS= 0
600
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 600 V
VDS = 600 V, TJ=125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±25 V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID=6.5 A
0.260 0.285
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f =1 MHz,
VGS = 0
-
1000
60
3
-
pF
pF
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDS.
Output equivalent
capacitance
VDS = 0, to 480 V, VGS=0
-
225
-
pF
Rg
Intrinsic resistance
f=1 MHz open drain
-
3.5
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 480 V, ID = 13 A
VGS = 10 V
(see Figure 19)
-
35
6
20
-
nC
nC
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 300 V, ID = 6.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 18)
-
12
15
55
25
-
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com