Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822IDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LMV822IDT
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV822IDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LMV822IDT Datasheet HTML 2Page - STMicroelectronics LMV822IDT Datasheet HTML 3Page - STMicroelectronics LMV822IDT Datasheet HTML 4Page - STMicroelectronics LMV822IDT Datasheet HTML 5Page - STMicroelectronics LMV822IDT Datasheet HTML 6Page - STMicroelectronics LMV822IDT Datasheet HTML 7Page - STMicroelectronics LMV822IDT Datasheet HTML 8Page - STMicroelectronics LMV822IDT Datasheet HTML 9Page - STMicroelectronics LMV822IDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Electrical characteristics
LMV82x, LMV82xA
6/32
Doc ID 022467 Rev 3
3
Electrical characteristics
Table 4.
Electrical characteristics at Vcc+ = 2.5 V with Vcc- = 0 V, Vicm = Vcc/2, Tamb = 25° C, and
RL connected to Vcc/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
LMV82xA
0.8
mV
LMV82x
3.5
LMV82xA, -40°C < T< 125°C
2
LMV82x, -40°C < T< 125°C
4
VCC-VOH High level output voltage
RL = 600 Ω
220
RL = 600 Ω, -40°C < T< 125°C
320
RL = 2 kΩ
120
RL = 2 kΩ, -40°C < T< 125°C
220
VOL
Low level output voltage
RL = 600 Ω
220
RL = 600 Ω, -40°C < T< 125°C
320
RL = 2 kΩ
120
RL = 2 kΩ, -40°C < T< 125°C
200
Iout
Isink (Vout = Vcc)
Vid = -1 V
5
mA
-40°C < T< 125°C
5
Isource (Vout = 0 V)
Vid = 1 V
5
-40°C < T< 125°C
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com