Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822IDT Datasheet(PDF) 14 Page - STMicroelectronics

Part # LMV822IDT
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV822IDT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LMV822IDT Datasheet HTML 10Page - STMicroelectronics LMV822IDT Datasheet HTML 11Page - STMicroelectronics LMV822IDT Datasheet HTML 12Page - STMicroelectronics LMV822IDT Datasheet HTML 13Page - STMicroelectronics LMV822IDT Datasheet HTML 14Page - STMicroelectronics LMV822IDT Datasheet HTML 15Page - STMicroelectronics LMV822IDT Datasheet HTML 16Page - STMicroelectronics LMV822IDT Datasheet HTML 17Page - STMicroelectronics LMV822IDT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Electrical characteristics
LMV82x, LMV82xA
14/32
Doc ID 022467 Rev 3
Figure 14. Positive and negative slew rate vs.
supply voltage
Figure 15. Positive slew rate at VCC = 5 V with
CL = 100 pF
3.0
3.0
3.5
4.0
4.0
4.5
5.0
5.0
5.5
-2.5
-2.5
-2.0
-2.0
-1.5
-1.5
-1.0
-1.0
-0.5
-0.5
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
T=-40°C
T=25°C
T=125°C
T=-40°C
Cl=100pF
Rl=1MΩ
Vicm=Vcc/2
Vload=Vcc/2
T=125°C
T=25°C
Supply Voltage (V)
01
23
4
-2.0
-2.0
-1.5
-1.0
-1.0
-0.5
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
Vcc=5V
Vicm=Vcc/2
Cl=100pF
Rl=1MΩ
T=25°C
T=125°C
T=-40°C
Time (µs)
Figure 16. Negative slew rate at VCC = 5 V with
CL = 100 pF
Figure 17. Noise vs. frequency at VCC = 5 V
0.0
0.5
1.0
1.5
-2.0
-2.0
-1.5
-1.5
-1.0
-1.0
-0.5
-0.5
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
Vcc=5V
Vicm=Vcc/2
Cl=100pF
Rl=1MΩ
T=25°C
T=125°C
T=-40°C
Time (µs)
100
1000
10000
00
20
40
40
60
80
80
100
Vcc=5V
T=25°C
Vicm=2.5V
Vicm=0.5V
Frequency (Hz)
Figure 18. 0.1 Hz to 10 Hz noise at VCC = 5 V
Figure 19. Distortion + noise vs. frequency
02
4
6
8
10
-6
-4
-2
0
2
4
6
Vcc=5V
Vicm=2.5V
T=25°C
Time (s)
100
1000
10000
10
-4
10
-3
10
-2
Vcc=5V
Vicm=(Vcc-1)/2
Vin=3Vpp
Gain=1
BW=80kHz
T=25°C
Rl=10kΩ
Rl=100kΩ
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com