Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822IDT Datasheet(PDF) 12 Page - STMicroelectronics

Part # LMV822IDT
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV822IDT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LMV822IDT Datasheet HTML 8Page - STMicroelectronics LMV822IDT Datasheet HTML 9Page - STMicroelectronics LMV822IDT Datasheet HTML 10Page - STMicroelectronics LMV822IDT Datasheet HTML 11Page - STMicroelectronics LMV822IDT Datasheet HTML 12Page - STMicroelectronics LMV822IDT Datasheet HTML 13Page - STMicroelectronics LMV822IDT Datasheet HTML 14Page - STMicroelectronics LMV822IDT Datasheet HTML 15Page - STMicroelectronics LMV822IDT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Electrical characteristics
LMV82x, LMV82xA
12/32
Doc ID 022467 Rev 3
Figure 2.
Supply current vs. supply voltage
at Vicm = VCC/2
Figure 3.
Supply current vs. Vicm at
VCC = 5 V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
T=25°C
T=-40°C
T=125°C
Vicm=2.5V
Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T=25°C
T=-40°C
T=125°C
Vcc=5V
Follower configuration
Input Common Mode Voltage (V)
Figure 4.
Vio distribution at VCC = 5 V
Figure 5.
Input offset voltage vs. input
common mode voltage at VCC = 5 V
-3.5 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
Vcc=5V
Vicm=2.5V
T=25°C
Input offset voltage (mV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
T=25°C
T=-40°C
T=125°C
Vcc=5V
Input Common Mode Voltage (V)
Figure 6.
Output current vs. output voltage at
VCC = 2.7 V
Figure 7.
Output current vs. output voltage at
VCC = 5 V
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
2.5
-30
-20
-20
-10
00
10
20
20
30
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=2.7V
T=125°C
T=25°C
Output Voltage (V)
0.0
0.0 0.5 1.0
1.0 1.5 2.0
2.0 2.5 3.0
3.0 3.5 4.0
4.0 4.5 5.0
5.0
-75
-50
-50
-25
00
25
50
50
75
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=5V
T=125°C
T=25°C
Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com