Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822IDT Datasheet(PDF) 16 Page - STMicroelectronics

Part # LMV822IDT
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV822IDT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LMV822IDT Datasheet HTML 12Page - STMicroelectronics LMV822IDT Datasheet HTML 13Page - STMicroelectronics LMV822IDT Datasheet HTML 14Page - STMicroelectronics LMV822IDT Datasheet HTML 15Page - STMicroelectronics LMV822IDT Datasheet HTML 16Page - STMicroelectronics LMV822IDT Datasheet HTML 17Page - STMicroelectronics LMV822IDT Datasheet HTML 18Page - STMicroelectronics LMV822IDT Datasheet HTML 19Page - STMicroelectronics LMV822IDT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Application information
LMV82x, LMV82xA
16/32
Doc ID 022467 Rev 3
4
Application information
4.1
Operating voltages
The LMV82x and LMV82xA can operate from 2.5 to 5.5 V. The devices’ parameters are fully
specified for 2.5, 2.7, and 5 V power supplies. Additionally, the main specifications are
guaranteed at extended temperature ranges from -40° C to +125° C.
4.2
Input common mode range
The LMV82x and LMV82xA devices have an input common mode range that includes
ground. The input common mode range is extended from Vcc- - 0.2 V to Vcc+ - 1 V, with no
output phase reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 150 mV maximum above
and below the rail when connected to a 2 k
Ω resistive load to Vcc/2.
4.4
Input offset voltage drift over temperature
The maximum input voltage drift over temperature variation is defined in Equation 1.
Equation 1
for Tmin < T < Tmax.
4.5
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
4.6
Macromodel
Accurate macromodels of the LMV82x and LMV82xA are available on STMicroelectronics’
web site at www.st.com. These models are a trade-off between accuracy and complexity
(that is, time simulation) of the LMV82x and LMV82xA operational amplifiers. They emulate
the nominal performances of a typical device within the specified operating conditions
mentioned in the datasheet. They also help to validate a design approach and to select the
right operational amplifier, but they do not replace on-board measurements.
ΔVio
ΔT
-------------
max Vio T
() Vio 25° C
()
–
T25
° C
–
-----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com