Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP190 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP190
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP190 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP190 Datasheet HTML 3Page - Analog Devices ADP190 Datasheet HTML 4Page - Analog Devices ADP190 Datasheet HTML 5Page - Analog Devices ADP190 Datasheet HTML 6Page - Analog Devices ADP190 Datasheet HTML 7Page - Analog Devices ADP190 Datasheet HTML 8Page - Analog Devices ADP190 Datasheet HTML 9Page - Analog Devices ADP190 Datasheet HTML 10Page - Analog Devices ADP190 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP190/ADP191
Rev. D | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8 V, VEN = VIN > VIH, ILOAD = 100 mA, TA = 25°C, unless otherwise noted.
200
180
160
140
120
100
80
60
125
85
25
–5
–40
JUNCTION TEMPERATURE, TJ (°C)
VIN = 1.2V
VIN = 1.8V
VIN = 3.6V
Figure 5. RDSON vs. Temperature (Includes ~15 mΩ Trace Resistance)
200
180
160
140
120
100
80
1.2
2.0
1.6
2.4
2.8
3.2
3.6
VIN (V)
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 350mA
ILOAD = 500mA
Figure 6. RDSON vs. Input Voltage, VIN (Includes ~15 mΩ Trace Resistance)
100
80
60
40
20
0
–20
0
100
50
150
200
250
300
350
LOAD (mA)
VIN = 1.2V
VIN = 2.5V
VIN = 3.6V
VIN = 1.8V
Figure 7. Voltage Drop vs. Load Current (Includes ~15 mΩ Trace Resistance)
CH1 500mV CH2 2V
M1.00µs
A CH1
990mV
T
3.0µs
1
2
T
VEN
VOUT
VOUT = 3.6V
ILOAD = 200mA
CLOAD = 1µF
VEN = 1.5V
Figure 8. ADP190 Turn-On Delay, Input Voltage = 3.6 V
2
CH1 500mV CH2 1V
M4µs
A CH1
990mV
T
12µs
1
T
VOUT = 1.8V
ILOAD = 200mA
CLOAD = 1µF
VEN = 1.5V
VEN
VOUT
Figure 9. ADP190 Turn-On Delay, Input Voltage = 1.8 V
2
3
CH1 2.00V
CH2 100mA
CH3 2.00V
M20.0µs
A CH1
1.24V
T 10.20%
1
VEN
IIN
VOUT
T
Figure 10. ADP191 Turn-On Delay and Inrush Current
vs. Input Voltage = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com