Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP190 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP190
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP190 Datasheet(HTML) 3 Page - Analog Devices

  ADP190 Datasheet HTML 1Page - Analog Devices ADP190 Datasheet HTML 2Page - Analog Devices ADP190 Datasheet HTML 3Page - Analog Devices ADP190 Datasheet HTML 4Page - Analog Devices ADP190 Datasheet HTML 5Page - Analog Devices ADP190 Datasheet HTML 6Page - Analog Devices ADP190 Datasheet HTML 7Page - Analog Devices ADP190 Datasheet HTML 8Page - Analog Devices ADP190 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP190/ADP191
Rev. D | Page 3 of 16
SPECIFICATIONS
VIN = 1.8 V, VEN = VIN, ILOAD = 200 mA, TA = 25°C, unless otherwise noted.
Table 1. ADP190
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +85°C
1.1
3.6
V
EN INPUT
EN Input Threshold
VEN_TH
1.1 V ≤ VIN ≤ 1.3 V, TJ = −40°C to +85°C
0.3
1.0
V
1.3 V < VIN < 1.8 V, TJ = −40°C to +85°C
0.4
1.2
V
1.8 V ≤ VIN ≤ 3.6 V, TJ = −40°C to +85°C
0.45
1.2
V
Logic High Voltage
VIH
1.1 V ≤ VIN ≤ 3.6 V
1.1
V
Logic Low Voltage
VIL
1.1 V ≤ VIN ≤ 3.6 V
0.3
V
EN Input Pull-Down Resistance
REN
4
MΩ
CURRENT
Ground Current1
IGND
VIN = 3.6 V, VOUT open, TJ = −40°C to +85°C
2
μA
Shutdown Current
IOFF
EN = GND
0.1
μA
EN = GND, TJ = −40°C to +85°C
2
μA
VIN to VOUT RESISTANCE
RDSON
VIN = 3.6 V, ILOAD = 200 mA, EN = 1.5 V
80
mΩ
VIN = 2.5 V, ILOAD = 200 mA, EN = 1.5 V
90
mΩ
VIN = 1.8 V, ILOAD = 200 mA, EN = 1.5 V
105
130
mΩ
VIN = 1.5 V, ILOAD = 200 mA, EN = 1.5 V
125
mΩ
VIN = 1.2 V, ILOAD = 200 mA, EN = 1 V
160
mΩ
VOUT TIME
Turn-On Delay Time
tON_DLY
ILOAD = 200 mA, EN = 1.5 V, CLOAD = 1 μF
5
μs
Turn-On Delay Time
tON_DLY
VIN = 3.6 V, ILOAD = 200 mA, EN = 1.5 V, CLOAD = 1 μF
1.5
μs
1 Ground current includes EN pull-down current.
Table 2. ADP191
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +85°C
1.1
3.6
V
EN INPUT
EN Input Threshold
VEN_TH
1.1 V ≤ VIN ≤ 1.3 V, TJ = −40°C to +85°C
0.3
1.0
V
1.3 V < VIN < 1.8 V, TJ = −40°C to +85°C
0.4
1.2
V
1.8 V ≤ VIN ≤ 3.6 V, TJ = −40°C to +85°C
0.45
1.2
V
Logic High Voltage
VIH
1.1 V ≤ VIN ≤ 3.6 V
1.1
V
Logic Low Voltage
VIL
1.1 V ≤ VIN ≤ 3.6 V
0.3
V
EN Input Pull-Down Resistance
REN
4
MΩ
CURRENT
Ground Current1
IGND
VIN = 3.6 V, VOUT open, TJ = −40°C to +85°C
2
μA
Shutdown Current
IOFF
EN = GND
0.1
μA
EN = GND, TJ = −40°C to +85°C
2
μA
VIN to VOUT RESISTANCE
RDSON
VIN = 3.6 V, ILOAD = 200 mA, EN = 1.5 V
80
mΩ
VIN = 2.5 V, ILOAD = 200 mA, EN = 1.5 V
90
mΩ
VIN = 1.8 V, ILOAD = 200 mA, EN = 1.5 V
105
130
mΩ
VIN = 1.5 V, ILOAD = 200 mA, EN = 1.5 V
125
mΩ
VIN = 1.2 V, ILOAD = 200 mA, EN = 1 V
160
mΩ
VOUT DISCHARGE RESISTANCE
RDIS
215
Ω
VOUT TIME
Turn-On Delay Time
tON_DLY
ILOAD = 200 mA, EN = 1.5 V, CLOAD = 1 μF
80
μs
Turn-On Delay Time
tON_DLY
VIN = 3.6 V, ILOAD = 200 mA, EN = 1.5 V, CLOAD = 1 μF
50
μs
1 Ground current includes EN pull-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com