Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP190 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP190
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP190 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP190 Datasheet HTML 5Page - Analog Devices ADP190 Datasheet HTML 6Page - Analog Devices ADP190 Datasheet HTML 7Page - Analog Devices ADP190 Datasheet HTML 8Page - Analog Devices ADP190 Datasheet HTML 9Page - Analog Devices ADP190 Datasheet HTML 10Page - Analog Devices ADP190 Datasheet HTML 11Page - Analog Devices ADP190 Datasheet HTML 12Page - Analog Devices ADP190 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADP190/ADP191
Rev. D | Page 9 of 16
THEORY OF OPERATION
The ADP190/ADP191are high-side PMOS load switches. They
are designed for supply operation from 1.1 V to 3.6 V. The PMOS
load switch is designed for low on resistance, 105 mΩ at VIN =
1.8 V, and supports 500 mA of continuous current. It is a low
ground current device with a nominal 4 MΩ pull-down resistor
on its enable pin. The package is a space-saving 0.8 mm ×
0.8 mm, 4-ball WLCSP.
The ADP191 incorporates an internal output discharge resistor
to discharge the output capacitance when the ADP191 output is
disabled. The ADP191 also contains circuitry to limit the switch
turn-on slew rate to limit the inrush current.
GND
EN
VIN
VOUT
ADP190
LEVEL SHIFT
AND SLEW
RATE CONTROL
Figure 17. ADP190 Functional Block Diagram
GND
EN
VIN
VOUT
ADP191
LEVEL SHIFT
AND SLEW
RATE CONTROL
AND LOAD
DISCHARGE
Figure 18. ADP191 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com