Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP190 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP190
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP190 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP190 Datasheet HTML 7Page - Analog Devices ADP190 Datasheet HTML 8Page - Analog Devices ADP190 Datasheet HTML 9Page - Analog Devices ADP190 Datasheet HTML 10Page - Analog Devices ADP190 Datasheet HTML 11Page - Analog Devices ADP190 Datasheet HTML 12Page - Analog Devices ADP190 Datasheet HTML 13Page - Analog Devices ADP190 Datasheet HTML 14Page - Analog Devices ADP190 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP190/ADP191
Rev. D | Page 11 of 16
2
CH1 1V
CH2 1V
M4µs
A CH1
2.34V
T
15.96µs
1
T
ILOAD = 100mA
CLOAD = 1µF
VEN = 3.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VEN
Figure 23. ADP190 Typical Turn-On Delay Time with Varying Input Voltage
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
500
0
100
200
300
400
TIME (µs)
VEN = 1.8V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.6V
Figure 24. ADP191 Typical Turn-On Delay Time with Varying Input Voltage
The rise time is defined as the delta between the time from 10%
to 90% of VOUT reaching its final value. It is dependent on the
RC time constant where C = load capacitance (CLOAD) and R =
RDSON||RLOAD. Because RDSON is usually smaller than RLOAD, an
adequate approximation for RC is RDSON × CLOAD. The ADP190/
ADP191 do not need any input or load capacitor, but capacitors
can be used to suppress noise on the board. If significant load
capacitance is connected, inrush current is a concern.
The ADP191 contains circuitry to limit the slew rate of the
switch turn to reduce the turn on inrush current. See Figure 25
and Figure 26 for a comparison of rise time and inrush current.
2
3
CH1 2V
CH3 2.00mA
Ω
CH2 2V
M10µs
A CH1
2.32V
T
40.16µs
1
T
VOUT = 1.8V
ILOAD = 200mA
CLOAD = 1µF
VEN = 3.6V
VEN
VOUT
IIN
Figure 25. ADP190 Typical Rise Time and Inrush Current with CLOAD = 1 μF
2
3
CH1 2.00V
CH2 100mA
CH3 2.00V
M20.0µs
A CH1
1.24V
T 10.20%
1
VEN
IIN
VOUT
T
Figure 26. ADP191 Typical Rise Time and Inrush Current with CLOAD = 1 μF
2
3
CH1 2V
CH3 2.00mA
Ω
CH2 2V
M10µs
A CH1
1.00V
T
39.8µs
1
VOUT = 1.8V
ILOAD = 200mA
CLOAD = 4.7µF
VEN= 3.6V
VEN
VOUT
IIN
T
Figure 27. ADP190 Typical Rise Time and Inrush Current with CLOAD = 4.7 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com