Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7150 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7150
Description  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7150 Datasheet HTML 13Page - Analog Devices AD7150 Datasheet HTML 14Page - Analog Devices AD7150 Datasheet HTML 15Page - Analog Devices AD7150 Datasheet HTML 16Page - Analog Devices AD7150 Datasheet HTML 17Page - Analog Devices AD7150 Datasheet HTML 18Page - Analog Devices AD7150 Datasheet HTML 19Page - Analog Devices AD7150 Datasheet HTML 20Page - Analog Devices AD7150 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7150
Rev. 0 | Page 17 of 28
TIMEOUT REGISTERS
When either the approaching or receding timeout elapses (that
is, after the defined number of CDC conversions is counted),
the data average (and thus the thresholds) is forced to follow the
new CDC data value immediately.
Ch1 Address Pointer 0x0A
Ch2 Address Pointer 0x0D
8 Bits, Read/Write, Factory Preset 0x86
When the timeout register equals 0, timeouts are disabled.
Table 9. Timeout Register Bit Map
Bit
Bits [7:4]
Bits [3:0]
Mnemonic
TimeOutApr
TimeOutRec
Default
0x08
0x06
DATA AVERAGE
+ SENSITIVITY
LARGE CHANGE IN DATA
TOWARDS THRESHOLD
DATA AVERAGE
THRESHOLD
TIME
TIMEOUT APPROACHING
These registers set timeouts for the adaptive threshold mode.
The approaching timeout starts when the CDC data crosses the
data average ± sensitivity band toward the threshold, according
to the selected positive, negative, or window threshold mode.
The approaching timeout elapses after the number of conversion
cycles equals 2TimeOutApr, where TimeOutApr is the value of the four
most significant bits of the timeout register.
Figure 39. Threshold Timeout Approaching
After a Large Change in CDC Data Toward Threshold
DATA AVERAGE
+ SENSITIVITY
LARGE CHANGE IN DATA
AWAY FROM THE THRESHOLD
DATA AVERAGE
THRESHOLD
TIME
TIMEOUT RECEDING
The receding timeout starts when the CDC data crosses the
data average ± sensitivity band away from the threshold,
according to the selected positive or negative threshold mode.
The receding timeout is not used in the window threshold
mode. The receding timeout elapses after the number of
conversion cycles equals 2TimeOutRec, where TimeOutRec is the
value of the four least significant bits of the timeout register.
Figure 40. Threshold Timeout Receding
After a Large Change in CDC Data Away from Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com