Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7150 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7150
Description  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7150 Datasheet HTML 16Page - Analog Devices AD7150 Datasheet HTML 17Page - Analog Devices AD7150 Datasheet HTML 18Page - Analog Devices AD7150 Datasheet HTML 19Page - Analog Devices AD7150 Datasheet HTML 20Page - Analog Devices AD7150 Datasheet HTML 21Page - Analog Devices AD7150 Datasheet HTML 22Page - Analog Devices AD7150 Datasheet HTML 23Page - Analog Devices AD7150 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7150
Rev. 0 | Page 20 of 28
POWER-DOWN TIMER REGISTER
Address Pointer 0x10
8 Bits, Read/Write, Factory Preset 0x00
Table 14. Power-Down Timer Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
–
–
Power-Down Timeout (6-Bit Value)
Default
0
0
0x00
Table 15.Power-Down Timer Register Bit Descriptions
Bit
Mnemonic
Description
[7:6]
–
These bits must be 0 for proper operation.
[5:0]
Power-Down
Timeout
Defines period duration of the power-down timeout.
If the output comparator outputs have not been activated during the programmed period, the part enters
power-down mode automatically. The part can be then returned to a normal operational mode either via the
serial interface or by the power supply off/on sequence.
The period is programmable in steps of four hours. For example, setting the value to 0x06 sets the duration to
24 hours. The maximum value of 0x3F corresponds to approximately 10.5 days.
The value of 0x00 disables the power-down timeout, and the part does not enter power-down mode
automatically.
CAPDAC REGISTERS
Ch1 Address Pointer 0x11
Ch2 Address Pointer 0x12
8 Bits, Read/Write, Factory Preset 0x00
Table 16. CAPDAC Registers Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
DacEn
DacAuto
DacValue (6-Bit Value)
Default
1
1
0x00
Table 17. CAPDAC Registers Bit Descriptions
Bit
Mnemonic
Description
7
DacEn
DacEn = 1 enables capacitive DAC.
6
DacAuto
DacAuto = 1 enables the AutoDAC function in the adaptive threshold mode.
When the AutoDAC function is enabled, the part dynamically adjusts the CAPDAC to keep the CDC in an
optimal operating capacitive range. The CAPDAC value is automatically incremented when the data average
exceeds ¾ of the CDC full range, and the CAPDAC value is decremented when the data average goes below ¼
of the CDC full range. The AutoDAC increment or decrement step depends on the selected CDC capacitive
input range.
Bit has no effect in fixed threshold mode; the AutoDAC function is always disabled in the fixed threshold mode.
[5:0]
DacValue
CAPDAC value, Code 0x00
≈ 0 pF, Code 0x3F ≈ CAPDAC full range.
SERIAL NUMBER REGISTER
Address Pointer 0x13, 0x14, 0x15, 0x16
32 Bits, Read-Only, 0xXXXX
This register holds a serial number, unique for each individual part.
CHIP ID REGISTER
Address Pointer 0x17
8 Bits, Read-Only, 0xXX
This register holds the chip identification code, used in factory
manufacturing and testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com