Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7150 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7150
Description  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7150 Datasheet HTML 18Page - Analog Devices AD7150 Datasheet HTML 19Page - Analog Devices AD7150 Datasheet HTML 20Page - Analog Devices AD7150 Datasheet HTML 21Page - Analog Devices AD7150 Datasheet HTML 22Page - Analog Devices AD7150 Datasheet HTML 23Page - Analog Devices AD7150 Datasheet HTML 24Page - Analog Devices AD7150 Datasheet HTML 25Page - Analog Devices AD7150 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7150
Rev. 0 | Page 22 of 28
If a repeated start condition is encountered after the address
pointer byte, all peripherals connected to the bus respond
exactly as outlined previously for a start condition; that is, a
repeated start condition is treated the same as a start condition.
When a master device issues a stop condition, it relinquishes
control of the bus, allowing another master device to take
control of the bus. Therefore, a master wanting to retain control
of the bus issues successive start conditions known as repeated
start conditions.
AD7150 RESET
To reset the AD7150 without having to reset the entire serial
bus, an explicit reset command is provided. This uses a particular
address pointer word as a command word to reset the part and
upload all default settings. The AD7150 does not respond to the
serial bus commands (do not acknowledge) during the default
values upload for approximately 2 ms.
The reset command address word is 0xBF.
GENERAL CALL
When a master issues a slave address consisting of seven 0s with
the eighth bit (R/W bit) set to 0, this is known as the general call
address. The general call address is for addressing every device
connected to the serial bus. The AD7150 acknowledges this
address and reads in the following data byte.
If the second byte is 0x06, the AD7150 is reset, completely
uploading all default values. The AD7150 does not respond to
the serial bus commands (do not acknowledge) during the
default values upload for approximately 2 ms.
The AD7150 does not acknowledge any other general call
commands.
1–7
8
9
1–7
8
9
1–7
8
9
P
S
START ADDR R/W ACK SUBADDRESS ACK
DATA
ACK
STOP
SDATA
SCLOCK
Figure 42. Bus Data Transfer
DATA
A(S)
S SLAVE ADDR A(S)
SUB ADDR
A(S)
LSB = 0
LSB = 1
DATA
P
S SLAVE ADDR A(S)
SUB ADDR A(S) S SLAVE ADDR
A(S)
DATA
A(M)
DATA
P
WRITE
SEQUENCE
READ
SEQUENCE
A(S) = NO ACKNOWLEDGE BY SLAVE
A(M) = NO ACKNOWLEDGE BY MASTER
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
S = START BIT
P = STOP BIT
A(S)
A(M)
Figure 43. Write and Read Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com