Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7150 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7150
Description  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7150 Datasheet HTML 14Page - Analog Devices AD7150 Datasheet HTML 15Page - Analog Devices AD7150 Datasheet HTML 16Page - Analog Devices AD7150 Datasheet HTML 17Page - Analog Devices AD7150 Datasheet HTML 18Page - Analog Devices AD7150 Datasheet HTML 19Page - Analog Devices AD7150 Datasheet HTML 20Page - Analog Devices AD7150 Datasheet HTML 21Page - Analog Devices AD7150 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7150
Rev. 0 | Page 18 of 28
SETUP REGISTERS
Ch1 Address Pointer 0x0B
Ch2 Address Pointer 0x0E
8 Bits, Read/Write, Factory Preset 0x0B
Table 10. Setup Registers Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
RngH
RngL
–
Hyst
ThrSettling (4-Bit Value)
Default
0
0
0
0
0x0B
Table 11. Setup Registers Bit Descriptions
Bit
Mnemonic
Description
Range bits set the CDC input range and determine the step for the AutoDAC function.
RngH
RngL
Capacitive Input Range (pF)
AutoDAC Step (CAPDAC LSB)
0
0
2
4
0
1
0.5
1
1
0
1
2
7
6
RngH
RngL
1
1
4
8
5
–
This bit should be 0 for the specified operation.
4
Hyst
Hyst = 1 disables hysteresis in adaptive threshold mode. This bit has no effect in fixed threshold mode;
hysteresis is always disabled in the fixed threshold mode.
3
2
1
0
ThrSettling
Determines the settling time constant of the data average and thus the settling time of the adaptive thresholds.
The response of the average to an input capacitance step change (that is, response to the change in the CDC
output data) is an exponential settling curve characterized by the following equation:
)
1
(
)
0
(
)
(
/ TimeConst
N
e
Change
Average
N
Average
−
+
=
where:
Average(N) is the value of average N complete CDC conversion cycles after a step change on the input.
Average(0) is the value before the step change.
TimeConst can be selected in the range between 2 and 65,536 conversion cycle multiples, in steps of power of
2, by programming the ThrSettling bits.
)
1
(
2
+
=
g
ThrSettlin
TimeConst
See Figure 41.
INPUT CAPACITANCE
(CDC DATA) CHANGE
DATA AVERAGE RESPONSE
TIME
Figure 41. Data Average Response to Data Step Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com