Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78 Datasheet(PDF) 47 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 47 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 43Page - Microchip Technology FDC37C78 Datasheet HTML 44Page - Microchip Technology FDC37C78 Datasheet HTML 45Page - Microchip Technology FDC37C78 Datasheet HTML 46Page - Microchip Technology FDC37C78 Datasheet HTML 47Page - Microchip Technology FDC37C78 Datasheet HTML 48Page - Microchip Technology FDC37C78 Datasheet HTML 49Page - Microchip Technology FDC37C78 Datasheet HTML 50Page - Microchip Technology FDC37C78 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
47
Table 24 - Result Phase Table
MT
HEAD
FINAL SECTOR
TRANSFERRED TO
HOST
ID INFORMATION AT RESULT PHASE
C
H
R
N
0
0
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
NC
01
NC
1
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
NC
01
NC
1
0
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
NC
LSB
01
NC
1
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
LSB
01
NC
NC: No Change, the same value as the one at the beginning of command execution.
LSB: Least Significant Bit, the LSB of H is complemented.
Write Data
After the Write Data command has been issued,
the FDC loads the head (if it is in the unloaded
state), waits the specified head load time if
unloaded (defined in the Specify command), and
begins reading ID fields. When the sector address
read from the diskette matches the sector address
specified in the command, the FDC reads the data
from the host via the FIFO and writes it to the
sector's data field.
After writing data into the current sector, the FDC
computes the CRC value and writes it into the
CRC field at the end of the sector transfer. The
Sector Number stored in "R" is incremented by
one, and the FDC continues writing to the next
data field. The FDC continues this "Multi-Sector
Write Operation". Upon receipt of a terminal count
signal or if a FIFO over/under run occurs while a
data field is being written, then the remainder of
the data field is filled with zeros.
The FDC reads the ID field of each sector and
checks the CRC bytes. If it detects a CRC error in
one of the ID fields, it sets the IC code in Status
Register 0 to "01" (abnormal termination), sets the
DE bit of Status Register 1 to "1", and terminates
the Write Data command.
The Write Data command operates in much the
same manner as the Read Data command. The
following items are the same. Please refer to the
Read Data Command for details:
•
Transfer Capacity
•
EN (End of Cylinder) bit
•
ND (No Data) bit
•
Head Load, Unload Time Interval
•
ID information when the host terminates the
command
•
Definition of DTL when N = 0 and when N does
not = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com