Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78 Datasheet(PDF) 65 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 65 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 61Page - Microchip Technology FDC37C78 Datasheet HTML 62Page - Microchip Technology FDC37C78 Datasheet HTML 63Page - Microchip Technology FDC37C78 Datasheet HTML 64Page - Microchip Technology FDC37C78 Datasheet HTML 65Page - Microchip Technology FDC37C78 Datasheet HTML 66Page - Microchip Technology FDC37C78 Datasheet HTML 67Page - Microchip Technology FDC37C78 Datasheet HTML 68Page - Microchip Technology FDC37C78 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
65
CR00
This register can only be accessed when the chip is in the Configuration Mode and after the CSR has
been initialized to 00H. The default value of this register after power up is 28H.
Table 34 - CR00
BIT NO.
BIT NAME
DESCRIPTION
0:1
Reserved
Read only. Read as 0
2
PDEN
Power Down and Idle enable.
0 nDS1pin=nDS1, nMTR1pin=nMTR1
1 nDS1pin=Power Down, nMTR1pin=Idle
3
FDC Power
A high level on this bit, supplies power to the FDC (default). A low
level on this bit puts the FDC in low power mode.
4, 6
Reserved
Read only. A read returns bits 4 and 6 as a 0.
5
OSC
Oscillator Control.
0 = Oscillator OFF
1 = Oscillator ON (default)
7
Valid
A high level on this software controlled bit can be used to indicate
that a valid configuration cycle has occurred. The control software
must take care to set this bit at the appropriate times. Set to zero
after power up. This bit has no effect on any other hardware in the
chip.
CR01
This register can only be accessed in the Configuration
Mode
and
after the CSR has been
initialized to 01H. The default value of this register after power up is 90H.
Table 35 - CR01
BIT NO.
BIT NAME
DESCRIPTION
0,1,2,3
Reserved
Read Only. A read returns a 0.
4
Reserved
Read Only. A read returns a 1.
5,6
Reserved
Read Only. A read returns a 0.
7
Lock CRx
A high level on this bit enables the reading and writing of CRxx
registers (Default). A low level on this bit disables the reading and
writing of all CRxx registers. Once set to 0, this bit can only be set
to 1 by a hard reset or power-up reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com