Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78 Datasheet(PDF) 62 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 62 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 58Page - Microchip Technology FDC37C78 Datasheet HTML 59Page - Microchip Technology FDC37C78 Datasheet HTML 60Page - Microchip Technology FDC37C78 Datasheet HTML 61Page - Microchip Technology FDC37C78 Datasheet HTML 62Page - Microchip Technology FDC37C78 Datasheet HTML 63Page - Microchip Technology FDC37C78 Datasheet HTML 64Page - Microchip Technology FDC37C78 Datasheet HTML 65Page - Microchip Technology FDC37C78 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
62
CONFIGURATION
The configuration of the chip is programmable
through
software
selectable
configuration
registers.
CONFIGURATION REGISTER ADDRESS
The
Configuration
Registers
are
located
at
address offset +0 and +1 with nCS active.
CONFIGURATION REGISTERS
The configuration registers are used to select
programmable options of the chip. After power up,
the chip is in the default mode. The default modes
are identified in the Configuration Mode Register
Description.
To
program
the
configuration
registers,
the
following
sequence
must
be
followed:
1.
Enter Configuration Mode.
2.
Configure the Configuration Registers.
3.
Exit Configuration Mode.
Enter Configuration Mode
To enter the configuration mode, two writes in
succession to port +0 with 55H data are required.
If a write to another address or port occurs
between these two writes, the chip does not enter
the
configuration
mode.
It
is
strongly
recommended that interrupts be disabled for the
duration of these two writes.
Configuration Mode
The chip contains configuration registers CR00-
CR1F.
These registers are accessed by first
writing the number (0-1FH) of the desired register
to port +0 and then writing or reading the
configuration register through port +1.
Exit Configuration Mode
The configuration mode is exited by writing an
AAH to port +0.
Programming Example
The following is an example of a configuration
program in Intel 8086 assembly language and
assumes that the base address is set to 3F0H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com