Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C78 Datasheet(PDF) 11 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 11 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 7Page - Microchip Technology FDC37C78 Datasheet HTML 8Page - Microchip Technology FDC37C78 Datasheet HTML 9Page - Microchip Technology FDC37C78 Datasheet HTML 10Page - Microchip Technology FDC37C78 Datasheet HTML 11Page - Microchip Technology FDC37C78 Datasheet HTML 12Page - Microchip Technology FDC37C78 Datasheet HTML 13Page - Microchip Technology FDC37C78 Datasheet HTML 14Page - Microchip Technology FDC37C78 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
11
FLOPPY DISK CONTROLLER
The Floppy Disk Controller (FDC) provides the
interface between a host microprocessor and the
floppy disk drives.
The FDC integrates the
functions of the Formatter/Controller, Digital Data
Separator, Write Precompensation and Data Rate
Selection logic for an IBM XT/AT compatible FDC.
The true CMOS 765B core guarantees 100% IBM
PC XT/AT compatibility in addition to providing
data overflow and underflow protection.
The
FDC37C78
is
compatible
to
the
82077AA using SMSC's proprietary floppy disk
controller core.
FLOPPY
DISK
CONTROLLER
INTERNAL
REGISTERS
The Floppy Disk Controller contains eight internal
registers which facilitate the interfacing between
the host microprocessor and the disk drive. Table
2 shows the addresses required to access these
registers.
Registers other than the ones shown
are not supported.
The rest of the FDC
description assumes the Base I/O Address is 3F0.
Table 2 - Status, Data and Control Registers
BASE I/O
ADDRESS
REGISTER
+0
+1
+2
+3
+4
+4
+5
+6
+7
+7
R/W
R/W
R
W
R/W
R
W
Reserved
Reserved
Digital Output Register
Tape Drive Register
Main Status Register
Data Rate Select Register
Data (FIFO)
Reserved
Digital Input Register
Configuration Control Register
DOR
TSR
MSR
DSR
FIFO
DIR
CCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com