Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW60N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW60N65M5
Description  N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW60N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW60N65M5 Datasheet HTML 3Page - STMicroelectronics STW60N65M5 Datasheet HTML 4Page - STMicroelectronics STW60N65M5 Datasheet HTML 5Page - STMicroelectronics STW60N65M5 Datasheet HTML 6Page - STMicroelectronics STW60N65M5 Datasheet HTML 7Page - STMicroelectronics STW60N65M5 Datasheet HTML 8Page - STMicroelectronics STW60N65M5 Datasheet HTML 9Page - STMicroelectronics STW60N65M5 Datasheet HTML 10Page - STMicroelectronics STW60N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STFW60N65M5, STW60N65M5
Electrical characteristics
Doc ID 18222 Rev 2
7/16
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Static drain-source on resistance
Figure 10.
Capacitance variations
Figure 11.
Output capacitance stored energy
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on resistance vs
temperature
VGS
6
4
2
0
0
50
Qg(nC)
(V)
8
100
150
10
VDD=520V
ID=23A
12
300
200
100
0
400
500
VDS
AM09130v1
RDS(on)
0.049
0.047
0.045
0.043
0
20
ID(A)
(
Ω)
10
30
0.051
0.053
0.055
0.057
VGS=10V
40
AM09131v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM09132v1
Eoss
5
0
0
100
VDS(V)
(µJ)
400
200 300
10
15
500
600
20
25
AM09133v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100 125
ID=250µA
AM09134v1
RDS(on)
1.9
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100 125
0.7
1.1
1.5
1.7
2.1
ID=23A
AM09135v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com