Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW60N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW60N65M5
Description  N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW60N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STW60N65M5 Datasheet HTML 1Page - STMicroelectronics STW60N65M5 Datasheet HTML 2Page - STMicroelectronics STW60N65M5 Datasheet HTML 3Page - STMicroelectronics STW60N65M5 Datasheet HTML 4Page - STMicroelectronics STW60N65M5 Datasheet HTML 5Page - STMicroelectronics STW60N65M5 Datasheet HTML 6Page - STMicroelectronics STW60N65M5 Datasheet HTML 7Page - STMicroelectronics STW60N65M5 Datasheet HTML 8Page - STMicroelectronics STW60N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2011
Doc ID 18222 Rev 2
1/16
16
STW60N65M5
STFW60N65M5
N-channel 650 V, 0.049
Ω, 46 A MDmesh™ V Power MOSFET
in TO-247, TO-3PF
Features
■ Worldwide best RDS(on) * area amongst the
silicon based devices
■ Higher VDSS rating
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Application
Switching applications
Description
The devices are N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order codes
VDSS @
TJmax
RDS(on)
max
ID
STFW60N65M5
STW60N65M5
710 V
< 0.059
Ω
46 A
1
2
3
TO-247
TO-3PF
1
1
1
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STFW60N65M5
STW60N65M5
60N65M5
TO-3PF
TO-247
Tube
www.st.com


Similar Part No. - STW60N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW60N65M5 ISC-STW60N65M5 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW60N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
20-Jan-2009
STB8N65M5 STMICROELECTRONICS-STB8N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.56 Ω, 7 A MDmesh??V Power MOSFET
05-Jul-2011
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
03-Feb-2011
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
14-Oct-2011
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
12-Jun-2009
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
STF11NM65N STMICROELECTRONICS-STF11NM65N Datasheet
1Mb / 21P
N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
15-Jul-2013
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
09-Nov-2012
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
05-Mar-2013
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
04-Dec-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com