Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW60N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW60N65M5
Description  N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW60N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STW60N65M5 Datasheet HTML 1Page - STMicroelectronics STW60N65M5 Datasheet HTML 2Page - STMicroelectronics STW60N65M5 Datasheet HTML 3Page - STMicroelectronics STW60N65M5 Datasheet HTML 4Page - STMicroelectronics STW60N65M5 Datasheet HTML 5Page - STMicroelectronics STW60N65M5 Datasheet HTML 6Page - STMicroelectronics STW60N65M5 Datasheet HTML 7Page - STMicroelectronics STW60N65M5 Datasheet HTML 8Page - STMicroelectronics STW60N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STFW60N65M5, STW60N65M5
Electrical characteristics
Doc ID 18222 Rev 2
5/16
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td (v)
tr (v)
tf (i)
tc(off)
Voltage delay time
Voltage rise time
Current fall time
Crossing time
VDD = 400 V, ID = 30 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 18)
(see Figure 21)
-
90
11
13
16
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
46
184
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 46 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 46 A, di/dt = 100 A/µs
VDD = 100 V (see Figure 21)
-
448
10
45
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 46 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 21)
-
534
14
52
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com