Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC6573IPW Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6573IPW
Description  This document contains the following chapters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6573IPW Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC6573IPW Datasheet HTML 14Page - Texas Instruments DAC6573IPW Datasheet HTML 15Page - Texas Instruments DAC6573IPW Datasheet HTML 16Page - Texas Instruments DAC6573IPW Datasheet HTML 17Page - Texas Instruments DAC6573IPW Datasheet HTML 18Page - Texas Instruments DAC6573IPW Datasheet HTML 19Page - Texas Instruments DAC6573IPW Datasheet HTML 20Page - Texas Instruments DAC6573IPW Datasheet HTML 21Page - Texas Instruments DAC6573IPW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Bill of Materials
2-6
2.2
Bill of Materials
Table 2 - 1. Parts List
Item #
Qty
Designator
Mfr.
Part Number
Description
1
2
C9 C10
Panasonic
ECUV1H105JCH
1-
µF, 1206 multilayer-ceramic
capacitor
2
4
C1 C2 C3 C7
Panasonic
ECJ3VB1C104K
0.1 -
µF, 1206 multilayer-ceramic
capacitor
3
1
C12
Panasonic
ECUV1H102JCH
1-nF, 1206 multilayer ceramic
capacitor
4
3
C5 C6 C11
Kemet
C1210C106K8PAC
10-
µF, 1210 multilayer ceramic X5R
capacitor
5
17
R8 R17 R25
R26 R27 R28
R29 R30 R31
R32 R33 R34
R35 R36 R37
R38 R39
Panasonic
ERJ - 8GEY0R00V
0-
Ω, 1/4-W 1206 chip resistor
6
2
R15 R16
Panasonic
ERJ - 8GEYJ431V
430-
Ω, 1/4-W 1206 chip resistor
7
1
R13
Panasonic
ERJ - 8GEYJ101V
100-
Ω,1/4-W 1206 chip resistor
8
1
R10
Panasonic
ERJ - 8ENF2002V
20-k
Ω,1/4-W 1206 chip resistor
9
6
R1 R2 R3 R4
R5 R7
Panasonic
ERJ - 8GEYJ302V
3-k
Ω, 1/4-W 1206 chip resistor
10
3
R6 R12 R14
Panasonic
ERJ - 8ENF1002V
10-k
Ω,, 1/4-W 1206 chip resistor
11
1
R9
Bourns
3214W- 203E
20-k
Ω, BOURNS_32X4W series 5T
pot
12
1
R11
Bourns
3214W- 104E
100-k
Ω, BOURNS_32X4W series 5T
pot
13
1
J6
Samtec
TSM - 105 - 01 - T - DV
5X2X0.1, 10-pin 3 A isolated power
socket
14
2
J2 J4
Samtec
TSM - 110 - 01 - S - DV - M
10X2X.1, 20 Pin 0.025” sq SMT
socket
15
2
J1 J5
On-Shore
Technology
ED555/3DS
3-pin terminal connector
DAC7573IPW
12-bit, quad output, I2C DAC
16
1
U1
Texas Instruments
DAC6573IPW
10-bit, quad output, I2C DAC
16
1
U1
Texas Instruments
DAC5573IPW
8-bit, quad output, I2C DAC
17
1
U2
Texas Instruments
OPA627AU
8-SOP(D) precision op amp
18
1
U3
Texas Instruments
REF02AU
5-V, 8-SOP(D) precision voltage
reference
19
1
U8
Texas Instruments
OPA2132UA
8 - SOP(D) Dual Precision Op Amp
20
7
TP1 TP2 TP3
TP4 TP5 TP6
TP7
Mill-max
2348 - 2 - 01 - 00 - 00 - 07 - 0
Turret terminal test point
21
2
P2 P4
(see Note)
Samtec
SSW - 110 - 22 - S - D - VS - P
20-pin 0.025” square SMT
terminal strips
22
1
P6 (see Note)
Samtec
SSW -105 -F-D-VS-K
3-A isolated 10-pin power header
23
6
W3 W7 W8
W9 W10 W15
Molex
22 - 03 - 2021
2 position jumper, 0.1” spacing
24
8
W1 W2 W4
W5 W6 W11
W12 W13
Molex
22 - 03 - 2031
3 position jumper, 0.1” spacing
Note:
P2, P4, and P6 parts are not shown in the schematic diagram. All the P-designated parts are installed on the bottom side
of the PC board opposite the J-designated counterpart. Example, J2 is installed on the top side while P2 is installed in the
bottom side opposite of J2. Not all parts listed in the BOM are installed in the EVM as they are specific to the DUT installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com