| Electronic Components Datasheet Search |
|
DAC6573IPW Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC6573IPW Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 26 page ![]() Output Op Amp 3-4 3.4.1 Unity Gain Output The buffered output configuration can be used to prevent loading the DAC. However, it may present some slight distortion because of the feedback resistor and capacitor. The user can tailor the feedback circuit to closely match the desired wave shape by simply removing R7 and C11 and replacing them with the desired values. R7 can be replaced with a zero-ohm resistor and C11 can be left open, if desired. Table 3 - 3 shows the jumper settings for the unity gain configuration of the output buffer in unipolar or bipolar supply mode. Table 3 - 3. Unity Gain Output Jumper Settings Reference Jumper Setting Function Reference Unipolar Bipolar Function W3 Open Open Disconnects TP2 input or AGND from the in- verting input of the op amp W5 2-3 1-2 Supplies VSS to the negative rail of the op amp or ties it to AGND W15 Open Open Disconnects negative input of the op amp from AGND 3.4.2 Output Gain of Two Table 3 - 4 shows the proper jumper settings of the EVM for the 2 × gain output of the DAC. Table 3 - 4. Gain of Two Output Jumper Settings Reference Jumper Setting Function Reference Unipolar Bipolar Function W3 Closed Closed Inverting input of output op amp U2 is con- nected to VREFH for use as its offset voltage with a gain of 2. Jumper W15 must be open. W3 Open Open VREFH is disconnected from the inverting in- put of output op amp U2. Jumper W15 must be closed. W5 2-3 1-2 Supplies power, VSS, to the negative rail of op amp U2 for bipolar supply mode, or ties it to AGND for unipolar supply mode W15 Closed Closed Configures op amp U2 for a gain of 2 output without an offset voltage. Jumper W3 must be open. W15 Open Open Inverting input of op amp U2 is disconnected from AGND. Jumper W3 must be closed. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |