Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC6573IPW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6573IPW
Description  This document contains the following chapters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6573IPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC6573IPW Datasheet HTML 18Page - Texas Instruments DAC6573IPW Datasheet HTML 19Page - Texas Instruments DAC6573IPW Datasheet HTML 20Page - Texas Instruments DAC6573IPW Datasheet HTML 21Page - Texas Instruments DAC6573IPW Datasheet HTML 22Page - Texas Instruments DAC6573IPW Datasheet HTML 23Page - Texas Instruments DAC6573IPW Datasheet HTML 24Page - Texas Instruments DAC6573IPW Datasheet HTML 25Page - Texas Instruments DAC6573IPW Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Output Op Amp
3-5
EVM Operation
3.4.3
Capacitive Load Drive
Another output configuration option is to drive a wide range of capacitive loads.
All op amps under certain conditions may become unstable depending on
configuration, gain, and load value. In unity gain, the OPA627 op amp performs
well with large capacitive loads. Increasing the gain and adding a load resistor
further improves the capacitive load drive capability.
Table 3 - 5 shows the proper jumper settings of the EVM for the 2
× gain output
of the DAC.
Table 3 - 5. Capacitive-Load Drive Jumper Settings
Reference
Jumper Setting
Function
Reference
Unipolar
Bipolar
Function
W3
Open
Open
VREFH is disconnected from the inverting in-
put of output op amp U2.
W5
2-3
1-2
Supplies power, VSS, to the negative rail of op
amp U2 for bipolar supply, or ties it to AGND
for unipolar supply.
W15
Open
Open
Capacitive load drive output of DAC is routed
to jumper-W15 pin 1, and this pin can be used
as the output terminal.
3.4.4
Optional Signal Conditioning Op Amp (U8B)
One device of the dual - op amp OPA2132 (U8) is used for reference buffering
(U8A), while the other is unused. This unused op amp (U8B) is available for
user - configured circuitry. The 1206- package resistor and capacitor footprints
associated with the U8B op amp are unpopulated and available for easy
configuration. TP6 and TP7 test points are not installed for maximum flexibility
of input - signal configuration. No test point is available for the output due to
space restrictions, but a wire can be simply soldered to the output of the op
amp via the unused component pads connected to it.
Once the op amp circuit design is determined, it is easily implemented by
simply populating the desired components and leaving unused component
footprints unpopulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com