Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX2001 Datasheet(PDF) 24 Page - International Rectifier

Part # MCR03EZPFX2001
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX2001 Datasheet(HTML) 24 Page - International Rectifier

Back Button MCR03EZPFX2001 Datasheet HTML 20Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 21Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 22Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 23Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 24Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 25Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 26Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 27Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
IR3837MPbF
Rev 1.31
The transfer function (V
e/Vout) is given by:
The (s) indicates that the transfer function varies
as a function of frequency. This configuration
introduces a gain and zero, expressed by:
First select the desired zero-crossover frequency
(F
o):
Use the following equation to calculate R3:
Where:
V
in = Maximum Input Voltage
V
osc = Amplitude of the oscillator Ramp Voltage
F
o = Crossover Frequency
F
ESR = Zero Frequency of the Output Capacitor
F
LC = Resonant Frequency of the Output Filter
R
8 = Feedback Resistor
To cancel one of the LC filter poles, place the
zero before the LC filter resonant frequency pole:
Use equations (20), (21) and (22) to calculate
C4.
One more capacitor is sometimes added in
parallel with C4 and R3. This introduces one
more pole which is mainly used to suppress the
switching noise.
(18)
.....
1
4
8
4
3
C
sR
C
sR
Z
Z
)
s
(
H
V
V
IN
f
out
e

(20)
........
..........
..........
(19)
.........
..........
..........
.........
4
3
8
3
2
1
C
*
R
*
π
F
R
R
s
H
z

(21)
1/10
~
1/5
F
and
o
.......
s
ESR
o
F
*
F
F
(22)
.......
..........
..........
2
8
3
LC
in
ESR
o
osc
F
*
V
R
*
F
*
F
*
V
R
The additional pole is given by:
The pole sets to one half of the switching
frequency which results in the capacitor C
POLE:
For a general solution for unconditional stability
for any type of output capacitors, and a wide
range of ESR values, we should implement local
feedback with a type III compensation network.
The typically used compensation network for
voltage-mode controller is shown in figure 20.
(23)
.......
..........
..........
..........
o
o
z
LC
z
C
*
L
π
*
.
F
F
%
F
2
1
75
0
75
...(24)
..........
..........
..........
POLE
POLE
P
C
C
C
*
C
*
R
*
π
F
4
4
3
2
1
(25)
..
..........
..........
*F
*R
π
C
*F
*R
π
C
s
s
POLE
3
4
3
1
1
1
Fig.20. Type III Compensation network and
its asymptotic gain plot
VOUT
VREF
R
9
R
8
R
10
C7
C3
C
4
R
3
Ve
FZ
1
FZ
2
FP
2
FP
3
E/A
Zf
ZIN
Frequency
Gain (dB)
|H(s)| dB
Fb
Comp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com