Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX2001 Datasheet(PDF) 15 Page - International Rectifier

Part # MCR03EZPFX2001
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX2001 Datasheet(HTML) 15 Page - International Rectifier

Back Button MCR03EZPFX2001 Datasheet HTML 11Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 12Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 13Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 14Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 15Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 16Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 17Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 18Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
IR3837MPbF
Rev 1.31
Soft-Start
The IR3837 has a digital internal soft-start to
control the output voltage rise and to limit the
current surge at the start-up. To ensure correct
start-up, the soft-start sequence initiates when
the Enable and Vcc rise above their UVLO
thresholds and generate the Power On Ready
(POR) signal. The internal SS signal linearly
rises with the rate of 0.2mV / µs from 0V to 2V.
Figure 6 shows the waveforms during soft start
(also refer to figure 11). The normal start up time
is fixed, and is equal to:
During the soft start the OCP is enabled to
protect the device for any short circuit and over
current condition.
Fig. 6. Theoretical operation waveforms
during soft-start (non tracking / non sequencing)

(1)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3ms
s
0.2mV/
0.7V
-
1.3V
T
start
Operating Frequency
The switching frequency can be programmed
between 250kHz – 1500kHz by connecting an
external resistor from R
t pin to Gnd. Table 1
tabulates the oscillator frequency versus R
t.
Shutdown
The IR3837 can be shutdown by pulling the
Enable pin below its 0.85 V threshold. This will
tri-state both, the high side driver as well as the
low side driver.
Table 1. Switching Frequency and I
OCSet vs.
External Resistor (R
t)
Over-Current Protection
The over current protection is performed by
sensing current through the R
DS(on) of the sync
FET. This method enhances the converter’s
efficiency and reduces cost by eliminating a
current sense resistor. As shown in figure 7, an
external resistor (R
OCSet) is connected between
OCSet pin and the switch node (SW) which sets
the current limit set point.
An internal current source sources current
(IOCSet ) out of the OCSet pin. This current is a
function of Rt and hence, of the free-running
switching frequency.
Table 1. shows IOCSet at different switching
frequencies.
The
internal
current
source
develops a voltage across R
OCSet. When the sync
FET is turned on, the inductor current flows
through Q2 and results in a voltage at OCSet
which is given by:
An over current is detected if the OCSet pin goes
below ground. However, to avoid false tripping ,
due to the noise generated when the sync FET is
turned on, the OCP comparator is enabled about
200ns after sync-FET is turned on.
I
)
R
R
I
V
L
(on
DS
OCSet
OCSet
OCSet
.(3)
..........
)
(
)
(
.....(2)
..........
..........
..........
)
(k
A)
(
t
OCSet
R
μ
I
700
71.7
1400
9.76
75.15
1500
9.31
55.1
1100
12.7
60.85
1200
11.5
65.4
1300
10.7
48.95
1000
14.3
44.3
900
15.8
39.3
800
17.8
34.1
700
20.5
29.54
600
23.7
24.35
500
28.7
19.6
400
35.7
300
47.5
Iocset (μA)
Fs (kHz)
Rt (kΩ)
1400
9.76
1500
9.31
1100
12.7
1200
11.5
1300
10.7
1000
14.3
900
15.8
800
17.8
700
20.5
600
23.7
500
28.7
400
35.7
14.7
300
47.5
Iocset (μA)
Fs (kHz)
Rt (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com