Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX2001 Datasheet(PDF) 9 Page - International Rectifier

Part # MCR03EZPFX2001
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX2001 Datasheet(HTML) 9 Page - International Rectifier

Back Button MCR03EZPFX2001 Datasheet HTML 5Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 6Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 7Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 8Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 9Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 10Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 11Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 12Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
IR3837MPbF
Rev 1.31
Typical Efficiency and Power Loss Curves
Vin=12V, Vcc/LDO_out=5.2V, Io=1A-14A, Fs=600kHz, Room Temperature, No Air Flow
The same inductors as listed on the previous page have been used.
71
73
75
77
79
81
83
85
87
89
91
93
95
97
12
34
567
89
10
11
12
13
14
Load Current (A)
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5.0V
0.2
0.7
1.2
1.7
2.2
2.7
3.2
3.7
4.2
4.7
1
234
56
789
10
11
12
13
14
Load Current (A)
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com