Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX2001 Datasheet(PDF) 1 Page - International Rectifier

Part # MCR03EZPFX2001
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX2001 Datasheet(HTML) 1 Page - International Rectifier

  MCR03EZPFX2001 Datasheet HTML 1Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 2Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 3Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 4Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 5Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 6Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 7Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 8Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
IR3837MPbF
Rev 1.31
Fig. 1. Typical application diagram
Description
The IR3837 SupIRBuckTM is an easy-to-use, fully
integrated and highly efficient DC/DC regulator.
The onboard PWM controller and MOSFETs
make IR3837 a space-efficient solution, providing
accurate power delivery for low output voltage
applications.
IR3837 is a versatile regulator which offers
programmability of switching frequency and
current limit while operates in wide input and
output voltage range.
The switching frequency is programmable from
250kHz to 1.5MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
IR3837 offers margining capability through Vref
pin. During the margining operation, PGood
tracks Vref via feedback to ensure correct status
of the output voltage.
The internal LDO enables the device to operate
from a single supply. This internal LDO can be
bypassed when an external bias voltage is
available.
Features
•
Greater than 96% Maximum Efficiency
•
Single 16V Application
•
Single 5V Application
•
Wide Output Voltage Range: 0.6V to 0.9*Vin
•
Continuous 14A Load Capability
•
Programmable Switching Frequency up to 1.5MHz
•
Internal Digital Soft-Start
•
Enable Input with Voltage Monitoring Capability
•
Hiccup Mode Over Current Protection
•
Internal LDO
•
External Synchronization
•
Enhanced PreBias Start up
•
External Reference for Margining Purposes
•
Input for Tracking Applications
•
Integrated MOSFET Drivers and Bootstrap Diode
•
Operating Junction Temp: -40oC <Tj<125oC
•
Thermal Shut Down
•
Power Good Output with Tracking Capability
•
Over Voltage Detection Feature
•
Pin Compatible with 6A and 10A Versions
•
Small Size 5mmx6mm PQFN, 0.9 mm Height
•
Lead-free, Halogen-free and RoHS Compliant
Applications
•
Netcom and Telecom Applications
•
Data Center Applications
•
Distributed Point of Load Power Architectures
HIGHLY INTEGRATED 14A
SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
PD97511


Similar Part No. - MCR03EZPFX2001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MCR03EZPFX2001 IRF-MCR03EZPFX2001 Datasheet
1Mb / 35P
HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - MCR03EZPFX2001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF_08 Datasheet
676Kb / 21P
HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3840AM IRF-IR3840AM_15 Datasheet
770Kb / 34P
HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com