Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3321 Datasheet(PDF) 19 Page - International Rectifier

Part # MCR03EZPFX3321
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3321 Datasheet(HTML) 19 Page - International Rectifier

Back Button MCR03EZPFX3321 Datasheet HTML 15Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 16Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 17Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 18Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 19Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 20Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 21Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 22Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19
IR3838MPbF
Rev 1.41
Minimum on time Considerations
The minimum ON time is the shortest amount of
time for which the Control FET may be reliably
turned on, and this depends on the internal
timing delays. For the IR3838, the typical
minimum on-time is specified as 70 ns.
Any design or application using the IR3838 must
ensure operation with a pulse width that is higher
than this minimum on-time and preferably higher
than 150 ns. This is necessary for the circuit to
operate without jitter and pulse-skipping, which
can cause high inductor current ripple and high
output voltage ripple.
In any application that uses the IR3838, the
following condition must be satisfied:
The minimum output voltage is limited by the
reference voltage and hence V
out(min) = 0.6 V.
Therefore, for V
out(min) = 0.6 V,
Therefore, at the maximum recommended input
voltage 16V and minimum output voltage, the
converter should be designed at a switching
frequency that does not exceed 250 kHz.
Conversely, for operation at the maximum
recommended operating frequency (1.65 MHz)
and minimum output voltage (0.6V), The input
voltage (PVin) should not exceed 2.42V,
otherwise pulse skipping will happen.
At low output voltages (below 1V) specially at
Vo=0.6V, it is recommended to design the
compensator so that the bandwidth of the loop
does not exceed 1/10 of the switching frequency.
V/s
10
4
ns
150
V
0.6
V
V
6
in
in
s
(min)
on
(min)
out
s
F
t
V
F
Maximum Duty Ratio Considerations
A fixed off-time of 300 ns maximum is specified
for the IR3838. This provides an upper limit on
the operating duty ratio at any given switching
frequency. Thus, the higher the switching
frequency, the lower is the maximum duty ratio at
which the IR3838 can operate. To allow some
margin, the maximum operating duty ratio in any
application
using
the
IR3838
should
still
accommodate about 500 ns off-time. Fig 14.
shows a plot of the maximum duty ratio v/s the
switching frequency, with 300 ns off-time.
s
out
s
on
F
V
F
D
t
V
in
(min)
on
out
s
in
s
in
out
(min)
on
on
(min)
on
t
V
F
V
F
V
V
t
t
t
Fig. 14. Maximum duty cycle v/s switching
frequency.
50
55
60
65
70
75
80
85
90
95
250
450
650
850
1050
1250
1450
1650
Switching Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com