Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3321 Datasheet(PDF) 12 Page - International Rectifier

Part # MCR03EZPFX3321
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3321 Datasheet(HTML) 12 Page - International Rectifier

Back Button MCR03EZPFX3321 Datasheet HTML 8Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 9Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 10Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 11Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 12Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 13Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 14Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 15Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
IR3838MPbF
Rev 1.41
Enable
The Enable features another level of flexibility for
start up. The Enable has precise threshold which
is internally monitored by Under-Voltage Lockout
(UVLO) circuit. Therefore, the IR3838 will turn on
only when the voltage at the Enable pin exceeds
this threshold, typically, 1.2V.
If the input to the Enable pin is derived from the
bus voltage by a suitably programmed resistive
divider, it can be ensured that the IR3838 does
not turn on until the bus voltage reaches the
desired level (Fig. 3). Only after the bus voltage
reaches or exceeds this level will the voltage at
Enable pin exceed its threshold, thus enabling
the IR3838. Therefore, in addition to being a logic
input pin to enable the IR3838, the Enable
feature, with its precise threshold, also allows the
user to implement an Under-Voltage Lockout for
the bus voltage (PVin).
This is desirable
particularly for high output voltage applications,
where we might want the IR3838 to be disabled
at least until PVin exceeds the desired output
voltage level.
Figure 4a. shows the recommended start-up
sequence for the normal (non-tracking, non-
sequencing) operation of IR3838, when Enable is
used as a logic input. In this operating mode Vref
is
left
floating.
Figure
4b.
shows
the
recommended startup sequence for sequenced
operation of IR3838 with Enable used as logic
input. For this mode of operation, Vref is left
floating. Figure 4c shows the recommended
startup sequence for tracking operation of
IR3838 with Enable used as logic input. For this
mode of operation, Vref is connected to a voltage
greater than 1.5V.
Circuit Description
THEORY OF OPERATION
Introduction
The IR3838 uses a PWM voltage mode control
scheme with external compensation to provide
good noise immunity and maximum flexibility in
selecting inductor values and capacitor types.
The switching frequency is programmable from
250kHz to 1.5MHz and provides the capability of
optimizing the design in terms of size and
performance.
IR3838 provides precisely regulated output
voltage programmed via two external resistors
from 0.6V to 0.9*Vin.
The IR3838 operates with an internal bias supply
voltage of 5.2V (LDO) which is connected to the
Vcc/LDO_out pin. This allows operation with
single supply. The IC can also be operated with
an external supply from 4.5V to 6.5V, allowing an
extended operating input voltage (PVin) range
from 1.5V to 16V. For using the internal supply,
the Vin pin should be connected to PVin pin. If an
external supply is used, it should be connected to
Vcc/LDO_out pin and the Vin pin should be left
floating.
The device utilizes the on-resistance of the low
side MOSFET (sync FET) as current
sense
element. This method enhances the converter’s
efficiency and reduces cost by eliminating the
need for external current sense resistor
.
IR3838 includes two low R
ds(on) MOSFETs using
IR’s HEXFET technology. These are specifically
designed for high efficiency applications.
Under-Voltage Lockout and POR
The under-voltage lockout circuit monitors the
voltage of Vcc/Ldo pin and the Enable input. It
assures that the MOSFET driver outputs remain
in the off state whenever either of these two
signals drop below the set thresholds. Normal
operation resumes once Vcc/LDO and Enable
rise above their thresholds.
The POR (Power On Ready) signal is generated
when all these signals reach the valid logic level
(see system block diagram). When the POR is
asserted the soft start sequence starts (see soft
start section).
Fig. 3. Normal Start up, device turns on
when the bus voltage reaches 10.2V
Pvin (12V)
Vcc (5.2V)
Enable
SS
10. 2 V
Enable Threshold= 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com