Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3321 Datasheet(PDF) 34 Page - International Rectifier

Part # MCR03EZPFX3321
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3321 Datasheet(HTML) 34 Page - International Rectifier

Back Button MCR03EZPFX3321 Datasheet HTML 27Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 28Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 29Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 30Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 31Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 32Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 33Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 34Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 35Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
34
IR3838MPbF
Rev 1.41
Stencil Design
Stencils for PQFN can be used with thicknesses of 0.100-0.250mm (0.004-0.010"). Stencils thinner
than 0.100mm are unsuitable because they deposit insufficient solder paste to make good solder
joints with the ground pad; high reductions sometimes create similar problems. Stencils in the
range of 0.125mm-0.200mm (0.005-0.008"), with suitable reductions, give the best results.
Evaluations have shown that the best overall performance is achieved using the stencil design
shown in following figure. This design is for a stencil thickness of 0.127mm (0.005"). The reduction
should be adjusted for stencils of other thicknesses.
Stencil pad sizing (all dimensions in mm)
Stencil pad spacing (all dimensions in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com