Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3321 Datasheet(PDF) 35 Page - International Rectifier

Part # MCR03EZPFX3321
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3321 Datasheet(HTML) 35 Page - International Rectifier

Back Button MCR03EZPFX3321 Datasheet HTML 27Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 28Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 29Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 30Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 31Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 32Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 33Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 34Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 35Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
35
IR3838MPbF
Rev 1.41
MILIMITERS
INCHES
MILIMITERS
INCHES
DIM
MIN
MAX
MIN
MAX
DIM
MIN
MAX
MIN
MAX
A
0.800
1.000
0.0315 0.0394
L
0.350
0.450
0.0138
0.0177
A1
0.000
0.050
0.0000 0.0020
M
2.441
2.541
0.0961
0.1000
b
0.375
0.475
0.1477 0.1871
N
0.703
0.803
0.0277
0.0316
b1
0.250
0.350
0.0098 0.1379
O
2.079
2.179
0.0819
0.0858
c
0.203 REF.
0.008 REF.
P
3.242
3.342
0.1276
0.1316
D
5.000 BASIC
1.969 BASIC
Q
1.265
1.365
0.0498
0.0537
E
6.000 BASIC
2.362 BASIC
R
2.644
2.744
0.1041
0.1080
e
1.033 BASIC
0.0407 BASIC
S
1.500
1.600
0.0591
0.0630
e1
0.650 BASIC
0.0256 BASIC
t1, t2, t3
0.401 BASIC
0.016 BACIS
e2
0.852 BASIC
0.0335 BASIC
t4
1.153 BASIC
0.045 BASIC
t5
0.727 BASIC
0.0286 BASIC
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
This product has been designed and qualified for the Industrial market (Note5)
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 11/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com