Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1720TRMZ5-EP-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1720TRMZ5-EP-R7
Description  50 mA, High Voltage, Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720TRMZ5-EP-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1720TRMZ5-EP-R7 Datasheet HTML 1Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 2Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 3Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 4Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 5Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 6Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 7Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 8Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP1720-EP
Data Sheet
Rev. A | Page 4 of 12
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY REJECTION RATIO
PSRR
f = 120 Hz, V
IN = 8 V, VOUT = 1.6 V
–90
dB
f = 1 kHz, V
IN = 8 V, VOUT = 1.6 V
–80
dB
f = 10 kHz, V
IN = 8 V, VOUT = 1.6 V
–60
dB
f = 120 Hz, V
IN = 8 V, VOUT = 5 V
–83
dB
f = 1 kHz, V
IN = 8 V, VOUT = 5 V
–70
dB
f = 10 kHz, V
IN = 8 V, VOUT = 5 V
–50
dB
1 Accuracy when OUT is connected directly to ADJ. When OUT voltage is set by external feedback resistors, absolute accuracy in adjust mode depends on the tolerances
of resistors used.
2 Based on an end-point calculation using 1 mA and 50 mA loads. See Figure 6 for typical load regulation performance for loads less than 1 mA.
3 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 4 V.
4 Start-up time is defined as the time between the rising edge of EN to OUT being at 95% of its nominal value.
5 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 5.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 5.0 V, or 4.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com