Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1720TRMZ5-EP-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1720TRMZ5-EP-R7
Description  50 mA, High Voltage, Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720TRMZ5-EP-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1720TRMZ5-EP-R7 Datasheet HTML 4Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 5Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 6Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 7Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 8Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 9Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 10Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 11Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADP1720-EP
Data Sheet
Rev. A | Page 12 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 27. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output
Voltage (V)
Package Description
Package Option
Branding
ADP1720TRMZ5-EP
–55°C to +125°C
5
8-Lead MSOP
RM-8
LKU
ADP1720TRMZ5-EP-R7
–55°C to +125°C
5
8-Lead MSOP
RM-8
LKU
ADP1720TRMZ3.3-EP
–55°C to +125°C
3.3
8-Lead MSOP
RM-8
LKT
ADP1720TRMZ3.3-EPR7
–55°C to +125°C
3.3
8-Lead MSOP
RM-8
LKT
ADP1720TRMZ-EP
–55°C to +125°C
1.225 to 5
8-Lead MSOP
RM-8
LG2
ADP1720TRMZ-EP-R7
–55°C to +125°C
1.225 to 5
8-Lead MSOP
RM-8
LG2
1 Z = RoHS Compliant Part.
©2011–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09723-0-6/12(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com