Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1720TRMZ5-EP-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1720TRMZ5-EP-R7
Description  50 mA, High Voltage, Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720TRMZ5-EP-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1720TRMZ5-EP-R7 Datasheet HTML 4Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 5Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 6Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 7Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 8Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 9Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 10Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 11Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP1720-EP
Data Sheet
Rev. A | Page 8 of 12
0
50
100
150
200
250
300
1
10
100
ILOAD (mA)
Figure 11. Dropout Voltage vs. Load Current
4.60
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
4.9
5.0
5.1
5.2
5.3
5.4
VIN (V)
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 10mA
ILOAD = 25mA
Figure 12. Output Voltage vs. Input Voltage (in Dropout)
ILOAD =
1mA
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.9
5.0
5.1
5.2
5.3
5.4
VIN (V)
ILOAD =
50mA
ILOAD =
10mA
ILOAD =
25mA
Figure 13. Ground Current vs. Input Voltage (in Dropout)
0
–100
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
100µA
10mA
1mA
VIN = 8V
VOUT = 1.6V
COUT = 1µF
VRIPPLE = 50mV
Figure 14. Power Supply Rejection Ratio vs. Frequency
(1.6 V Adjustable Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com