Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1720TRMZ5-EP-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1720TRMZ5-EP-R7
Description  50 mA, High Voltage, Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1720TRMZ5-EP-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1720TRMZ5-EP-R7 Datasheet HTML 3Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 4Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 5Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 6Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 7Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 8Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 9Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 10Page - Analog Devices ADP1720TRMZ5-EP-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADP1720-EP
Rev. A | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12 V, VOUT = 5 V, IOUT= 100 µA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
4.97
4.98
4.99
5.00
5.01
5.02
5.03
–60
–30
0
30
60
90
120
JUNCTION TEMPERATURE (°C)
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 25mA
ILOAD = 50mA
Figure 5. Output Voltage vs. Junction Temperature
4.9885
4.9890
4.9895
4.9900
4.9905
4.9910
4.9915
4.9920
4.9925
0.01
0.1
1
10
100
ILOAD (mA)
Figure 6. Output Voltage vs. Load Current
5.010
4.990
0
30
VIN (V)
5.008
5.006
5.004
5.002
5.000
4.998
4.996
4.994
4.992
5
10
15
20
25
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 25mA
ILOAD = 50mA
Figure 7. Output Voltage vs. Input Voltage
0
200
400
600
800
1000
1200
–60
–30
0
30
60
90
120
JUNCTION TEMPERATURE (°C)
ILOAD = 50mA
ILOAD = 25mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100µA
ILOAD = 10µA
Figure 8. Ground Current vs. Junction Temperature
1200
0
0.01
100
ILOAD (mA)
0.1
1
10
1000
800
600
400
200
Figure 9. Ground Current vs. Load Current
1400
0
0
30
VIN (V)
1200
1000
800
600
400
200
5
10
15
20
25
ILOAD = 50mA
ILOAD = 25mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100µA
ILOAD = 10µA
Figure 10. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com