Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE6104F Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ECQE6104F
Description  Metallized polyester Film Capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE6104F Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ECQE6104F Datasheet HTML 7Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 8Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 9Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 10Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 11Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 12Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 13Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 14Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.56
564
12.32
0.68
684
15.0
0.82
824
18.0
1.00
105
22.0
1.20
125
13.2
1.50
155
17.1
1.80
185
19.8
2.20
225
24.2
2.70
275
29.7
3.30
335
36.3
3.90
395
23.4
4.70
475
28.2
5.60
565
33.6
6.80
685
40.8
8.20
825
49.2
10.00
106
60.0
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Voltage Derating by Temperature
Permissible Current
Permissible Voltage
6
22
100VDC
11
0
20
40
60
80
100
120
-60 -40 -20
0
20
40
60
80 100 120
0.1
1
10
100
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(F) Type 100VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
2.2uF
4.7uF
10uF
1.0uF
2.2uF
4.7uF
10uF
From 0.56uF to 10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com