Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE6104F Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # ECQE6104F
Description  Metallized polyester Film Capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE6104F Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button ECQE6104F Datasheet HTML 11Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 12Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 13Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 14Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 15Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 16Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 17Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 18Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.010
103
2.73
0.015
153
4.10
0.022
223
6.01
0.033
333
9.01
0.047
473
12.83
0.068
683
7.89
0.100
104
11.60
0.150
154
17.40
0.220
224
25.52
0.330
334
20.79
0.470
474
29.61
0.680
684
42.84
1.000
105
48.00
1.500
155
72.00
2.200
225
105.60
(Max 10000cycles)
273
Voltage Derating by Temperature
630VDC
Permissible Current
Permissible Voltage
116
63
48
Pulse Handling Capability (dV/dt)
0
100
200
300
400
500
600
700
800
-60 -40 -20
0
20
40
60
80
100 120
1
10
100
10
100
1000
0
1
2
3
4
5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(F) Type 630VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
From 0.01uF to 2.2uF
2.2uF
1.0uF
0.47uF
0.22uF
0.1uF
0.047uF
0.022uF
0.01uF
0.01uF
0.022uF
0.047uF
0.1uF
0.22uF
0.47uF
1.0uF
2.2uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com