Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE6104F Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ECQE6104F
Description  Metallized polyester Film Capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE6104F Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ECQE6104F Datasheet HTML 9Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 10Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 11Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 12Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 13Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 14Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 15Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 16Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.010
103
0.48
0.015
153
0.72
0.022
223
1.06
0.033
333
1.58
0.047
473
2.26
0.068
683
3.26
0.100
104
4.80
0.150
154
7.20
0.220
224
7.26
0.330
334
10.89
0.470
474
8.46
0.680
684
12.24
1.000
105
18.00
1.500
155
27.00
2.200
225
22.00
3.300
335
33.00
4.700
475
47.00
6.800
685
54.40
10.000
106
80.00
250VDC
Pulse Handling Capability (dV/dt)
Voltage Derating by Temperature
(Max 10000cycles)
48
8
10
18
33
Permissible Current
Permissible Voltage
0
50
100
150
200
250
300
-60 -40 -20
0
20
40
60
80 100 120
1
10
100
10
100
1000
0
1
2
3
4
5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(F) Type 250VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
2.2uF
4.7uF
10uF
From 0.01uF to 10uF
0.47uF
0.22uF
0.10uF
0.047u
0.022u
0.01uF
0.01uF
0.022uF
0.047uF
0.10uF
0.22uF
0.47uF
1.0uF
2.2uF
4.7uF
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com