Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE6104F Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # ECQE6104F
Description  Metallized polyester Film Capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE6104F Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button ECQE6104F Datasheet HTML 10Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 11Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 12Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 13Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 14Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 15Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 16Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 17Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Frequency Characteristics
Temperature Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
1
10
100
1000
10000
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-60
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-60
-40
-20
0
20
40
60
80
100
ECQE(F) Type 400VDC Series (Metallized Polyester Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
2.2uF
1.0uF
0.1uF
2.2uF
1.0uF
0.1uF
2.2uF
1.0uF
0.1uF
0.01uF
0.01uF
0.01uF
0.01uF
0.1uF
1.0uF
2.2uF
0.01uF
0.1uF
1.0uF
2.2uF
2.2uF
1.0uF
0.1uF
0.01uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com