Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS202 Datasheet(PDF) 9 Page - Microchip Technology

Part # DSPIC33FJ06GS202
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSPIC33FJ06GS202 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2009-2013 Microchip Technology Inc.
DS80439M-page 9
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
18. Module: PGEC3/PGED3 Programming
Pins
When using the PGEC3/PGED3 pins for device
programming, the programming time may be
slower as compared to other available PGECx/
PGEDx pin pairs, because the Enhanced ICSP™
programming algorithm cannot be executed on
this pin pair.
Refer
to
the
“dsPIC33F/PIC24H
Flash
Programming
Specification”
(DS70152)
for
additional information on this limitation.
Work around
Use alternate PGECx/PGEDx programming pin
pairs.
Affected Silicon Revisions
19. Module: UART
The UART module will not generate consecutive
Break characters. Trying to perform a back-to-
back Break character transmission will cause the
UART module to transmit the dummy character
used to generate the first Break character instead
of transmitting the second Break character. Break
characters are generated correctly if they are
followed by non-Break character transmission.
Work around
None.
Affected Silicon Revisions
20. Module: PWM
Cycle-by-cycle current-limit operation does not
work when the PWM module is configured for
Center-Aligned mode.
Work around
None.
Affected Silicon Revisions
21. Module: PWM
During
normal
operation,
if
Leading-Edge
Blanking (LEB) is triggered to start counting at a
rising edge of PWM and the PWM module has a
blanking time period less than the PWM assertive
time (TON time), and the current-limit event occurs
during the TON period and is still pending after the
TON period is over, the current-limit event should
be ignored during TON time, but should be
recognized after the TON time is over.
However, the device fails to recognize the current-
limit event after TON time is over, when previously
described conditions exist.
Work around
Initialize the LEBCONx register as shown below,
which specifies the LEB function for the (CLSRC)
input to be triggered on the falling (trailing) edge of
PWM, and set the LEB delay to a minimum value
of 8 ns:
• PHF bit is set
• CLLEBEN bit is set
• LEB<9:3> bits are set to a minimum value of ‘1’
If the user application needs LEB to be triggered at
a falling edge, make sure that the LEB delay is set
for more than the TON time.
Affected Silicon Revisions
22. Module: UART
When the UART is operating in 8-bit mode
(PDSEL = 0x) and using the IrDA® encoder/
decoder (IREN = 1), the module incorrectly
transmits a data payload of 80h as 00h.
Work around
None.
Affected Silicon Revisions
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com