Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS202 Datasheet(PDF) 12 Page - Microchip Technology

Part # DSPIC33FJ06GS202
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 Datasheet(HTML) 12 Page - Microchip Technology

Back Button DSPIC33FJ06GS202 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 10Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS80439M-page 12
 2009-2013 Microchip Technology Inc.
31. Module: ADC
If the ADC module is in an enabled state when the
device enters Sleep mode as a result of executing
a PWRSAV #0 instruction, the device power-down
current (IPD) may exceed the specifications listed
in the device data sheet. This may happen even if
the ADC module is disabled by clearing the ADON
bit prior to entering Sleep mode.
Work arounds
Work around 1:
In order to remain within the IPD specifications
listed in the device data sheet, the user software
must completely disable the ADC module by
setting the ADC Module Disable bit in the
corresponding Peripheral Module Disable register
(PMDx), prior to executing a PWRSAV
#0
instruction.
Work around 2:
If the ADC module was previously initialized and
enabled, before entering Sleep, execute the lines
of code provided in Example 2.
EXAMPLE 2:
Affected Silicon Revisions
Note:
The ADC module must be reinitialized by
the user application before resuming ADC
operation.
Note:
Unlike Work around
1, the user
application does not need to reinitialize
the ADC module; however, it is necessary
to re-enable the ADC module by setting
the ADON bit after waking from Sleep.
AD1CON1bits.ADON = 0;
//Disable the ADC module
__asm__ volatile ("REPEAT #50"); //Wait 50 TCY
__asm__ volatile ("NOP");
//Repeat NOP 51 times
Sleep();
// Execute PWRSAV #0 and go to Sleep
A2
A3
A4
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com