Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS202 Datasheet(PDF) 16 Page - Microchip Technology

Part # DSPIC33FJ06GS202
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 Datasheet(HTML) 16 Page - Microchip Technology

Back Button DSPIC33FJ06GS202 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS80439M-page 16
 2009-2013 Microchip Technology Inc.
44. Module: PWM
If the PWM is configured for Complimentary mode
and the SWAP bit is enabled, the PWM outputs
might operate as Redundant mode when the
PHASE value is greater than the programmed
dead-time (DTRx) value.
Work around
Using true independent output mode with the
independent Time Base mode bit (ITB) set to ‘0’,
the PWM module can be configured to replicate
the original complementary signal by properly
setting up the phase (PHASEx, SPASEx) and the
independent duty cycle (PDCx, SDCx).
Affected Silicon Revisions
45. Module: PWM
The PWM current-limit operation allows the PWM
module to set/reset the output signals when a
specific current limit is detected with a minimum
latency delay. When operating the PWM module in
Complementary mode (PMOD = 0), positive dead
time, and with Current-Limit Interrupt Enable
(CLIEN = 1), a less than 8-ns pulse glitch on the
complementary output may be present right after
the current limit is detected. This glitch, if present,
will occur prior to the implementation of the dead
time.
Work around
In order to avoid the <8 ns glitch to be propagated
into the MOSFET gate driver, a low-pass filter
(e.g., resistor-capacitor network) should be
implemented between the dsPIC® DSC PWM
output pin and the gate driver IC input pin.
Affected Silicon Revisions
A2
A3
A4
XX
X
A2
A3
A4
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com