Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ06GS202 Datasheet(PDF) 17 Page - Microchip Technology

Part # DSPIC33FJ06GS202
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202 Datasheet(HTML) 17 Page - Microchip Technology

Back Button DSPIC33FJ06GS202 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ06GS202 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2009-2013 Microchip Technology Inc.
DS80439M-page 17
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
Data Sheet Clarifications
The following typographic corrections and clarifications
are to be noted for the latest version of the device data
sheet (DS70318F):
1. Module: Idle Current (IIDLE)
The typical values for Table 24-6 were stated
incorrectly in the data sheet. The correct values
are shown in Table 3.
Note:
Corrections are shown in bold. Where
possible, the original bold text formatting
has been removed for clarity.
TABLE 3:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE): Core Off Clock On Base Current(2)
DC40d
48
—mA
-40°C
3.3V
10 MIPS(3)
DC40a
48
—mA
+25°C
DC40b
48
—mA
+85°C
DC40c
48
—
mA
+125°C
DC41d
60
—mA
-40°C
3.3V
16 MIPS(3)
DC41a
60
mA
+25°C
—
DC41b
60
—mA
+85°C
DC41c
60
—
mA
+125°C
DC42d
68
—mA
-40°C
3.3V
20 MIPS(3)
DC42a
68
—mA
+25°C
DC42b
68
—mA
+85°C
DC42c
68
—
mA
+125°C
DC43d
77
—mA
-40°C
3.3V
30 MIPS(3)
DC43a
77
—mA
+25°C
DC43b
77
—mA
+85°C
DC43c
77
—
mA
+125°C
DC44d
86
—mA
-40°C
3.3V
40 MIPS
DC44a
86
—mA
+25°C
DC44b
86
—mA
+85°C
DC44c
86
—
mA
+125°C
Note 1:
Data in “Typical” column is at 3.3V, +25°C unless otherwise stated.
2:
Base IIDLE current is measured with core Off, clock On and all modules turned off. Peripheral module
Disable SFR registers are zeroed. All I/O pins are configured as inputs and pulled to VSS.
3:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com