| Electronic Components Datasheet Search |
|
ADSP-21062LABZ-160 Datasheet(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21062LABZ-160 Datasheet(HTML) 8 Page - Analog Devices |
|
8 / 64 page ![]() Rev. F | Page 8 of 64 | March 2008 ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC Link Ports The ADSP-2106x features six 4-bit link ports that provide addi- tional I/O capabilities. The link ports can be clocked twice per cycle, allowing each to transfer eight bits of data per cycle. Link- port I/O is especially useful for point-to-point interprocessor communication in multiprocessing systems. The link ports can operate independently and simultaneously, with a maximum data throughput of 240M bytes/s. Link port data is packed into 32- or 48-bit words, and can be directly read by the core processor or DMA-transferred to on-chip memory. Each link port has its own double-buffered input and output registers. Clock/acknowledge handshaking controls link port transfers. Transfers are programmable as either transmit or receive. Program Booting The internal memory of the ADSP-2106x can be booted at sys- tem power-up from an 8-bit EPROM, a host processor, or through one of the link ports. Selection of the boot source is controlled by the BMS (boot memory select), EBOOT (EPROM Boot), and LBOOT (link/host boot) pins. 32-bit and 16-bit host processors can be used for booting. The processor also sup- ports a no-boot mode in which instruction execution is sourced from the external memory. DEVELOPMENT TOOLS The ADSP-2106x is supported by a complete set of CROSSCORE®† software development tools, including Analog Devices emulators and VisualDSP++®‡ development environ- ment. The same emulator hardware that supports other SHARC processors also fully emulates the ADSP-2106x. The VisualDSP++ project management environment lets pro- grammers develop and debug an application. This environment includes an easy to use assembler (which is based on an alge- braic syntax), an archiver (librarian/library builder), a linker, a loader, a cycle-accurate instruction-level simulator, a C/C++ compiler, and a C/C++ runtime library that includes DSP and mathematical functions. A key point for these tools is C/C++ code efficiency. The compiler has been developed for efficient translation of C/C++ code to DSP assembly. The ADSP-2106x SHARC DSP has architectural features that improve the effi- ciency of compiled C/C++ code. The VisualDSP++ debugger has a number of important fea- tures. Data visualization is enhanced by a plotting package that offers a significant level of flexibility. This graphical representa- tion of user data enables the programmer to quickly determine the performance of an algorithm. As algorithms grow in com- plexity, this capability can have increasing significance on the designer’s development schedule, increasing productivity. Sta- tistical profiling enables the programmer to nonintrusively poll the processor as it is running the program. This feature, unique to VisualDSP++, enables the software developer to passively gather important code execution metrics without interrupting the real-time characteristics of the program. Essentially, the developer can identify bottlenecks in software quickly and effi- ciently. By using the profiler, the programmer can focus on those areas in the program that impact performance and take corrective action. Debugging both C/C++ and assembly programs with the VisualDSP++ debugger, programmers can: • View mixed C/C++ and assembly code (interleaved source and object information) • Insert breakpoints • Set conditional breakpoints on registers, memory, and stacks • Trace instruction execution • Perform linear or statistical profiling of program execution • Fill, dump, and graphically plot the contents of memory • Perform source level debugging • Create custom debugger windows The VisualDSP++ IDDE lets programmers define and manage DSP software development. Its dialog boxes and property pages let programmers configure and manage all of the ADSP-2106x development tools, including the color syntax highlighting in the VisualDSP++ editor. This capability permits: • Control in how the development tools process inputs and generate outputs • Maintenance of a one-to-one correspondence with the tools’ command line switches The VisualDSP++ kernel (VDK) incorporates scheduling and resource management tailored specifically to address the mem- ory and timing constraints of DSP programming. These capabilities enable engineers to develop code more effectively, eliminating the need to start from the very beginning when developing new application code. The VDK features include threads, critical and unscheduled regions, semaphores, events, and device flags. The VDK also supports priority-based, pre- emptive, cooperative, and time-sliced scheduling approaches. In addition, the VDK was designed to be scalable. If the application does not use a specific feature, the support code for that feature is excluded from the target system. Because the VDK is a library, a developer can decide whether to use it or not. The VDK is integrated into the VisualDSP++ development environment, but can also be used via standard command line tools. When the VDK is used, the development environment assists the developer with many error-prone tasks and assists in managing system resources, automating the gen- eration of various VDK-based objects, and visualizing the system state, when debugging an application that uses the VDK. Use the expert linker to visually manipulate the placement of code and data on the embedded system. View memory utiliza- tion in a color-coded graphical form, easily move code and data to different areas of the DSP or external memory with a drag of the mouse, and examine run-time stack and heap usage. The † CROSSCORE is a registered trademark of Analog Devices, Inc. ‡ VisualDSP++ is a registered trademark of Analog Devices, Inc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |