Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ32GP302TH/SP Datasheet(PDF) 327 Page - Microchip Technology

Part # DSPIC33FJ32GP302TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP302TH/SP Datasheet(HTML) 327 Page - Microchip Technology

Back Button DSPIC33FJ32GP302TH/SP Datasheet HTML 323Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 324Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 325Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 326Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 327Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 328Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 329Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 330Page - Microchip Technology DSPIC33FJ32GP302TH/SP Datasheet HTML 331Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 327
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
TABLE 30-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage
DI10
I/O pins
VSS
—0.2 VDD
V
DI11
PMP pins
VSS
—0.15 VDD
VPMPTTL = 1
DI15
MCLR
VSS
—
0.2 VDD
V
DI16
I/O Pins with OSC1 or SOSCI
VSS
—0.2 VDD
V
DI18
I/O Pins with SDAx, SCLx
VSS
—
0.3 VDD
V
SMbus disabled
DI19
I/O Pins with SDAx, SCLx
VSS
—
0.2 VDD
V
SMbus enabled
VIH
Input High Voltage
DI20
DI21
I/O Pins Not 5V Tolerant(4)
I/O Pins 5V Tolerant(4)
I/O Pins Not 5V Tolerant with
PMP(4)
I/O Pins 5V Tolerant with
PMP(4)
0.7 VDD
0.7 VDD
0.24 VDD + 0.8
0.24 VDD + 0.8
—
—
—
—
VDD
5.5
VDD
5.5
V
V
V
V
ICNPU
CNx Pull-up Current
DI30
50
250
400
AVDD = 3.3V, VPIN = VSS
IIL
Input Leakage Current(2)(3)
DI50
I/O pins 5V Tolerant(4)
——
±2
AVSS  VPIN  VDD,
Pin at high-impedance
DI51
I/O Pins Not 5V Tolerant(4)
——
±1
AVSS  VPIN  VDD,
Pin at high-impedance,
40°C
 TA  +85°C
DI51a
I/O Pins Not 5V Tolerant(4)
——
±2
A
Shared with external
reference pins,
40°C
 TA  +85°C
DI51b
I/O Pins Not 5V Tolerant(4)
——
±3.5
AVSS  VPIN  VDD, Pin
at high-impedance,
-40°C
 TA  +125°C
DI51c
I/O Pins Not 5V Tolerant(4)
——
±8
A
Analog pins shared
with external reference
pins,
-40°C
 TA  +125°C
DI55
MCLR
—
—
±2
AVSS VPIN VDD
DI56
OSC1
—
—
±2
AVSS VPIN VDD,
XT and HS modes
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current can be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
See “Pin Diagrams” for the 5V tolerant I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com