Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8245EC Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
31
Package Description
Figure 23. Test Access Port Timing Diagram
5
Package Description
This section details package parameters, pin assignments, and dimensions.
5.1
Package Parameters
The MPC8245 uses a 35 mm
× 35 mm, cavity-up, 352-pin tape ball grid array (TBGA) package. The
package parameters are as follows.
Package Outline
35 mm
× 35 mm
Interconnects
352
Pitch
1.27 mm
Solder Balls
ZU (TBGA package)—62 Sn/36 Pb/2 Ag
VV (Lead-free version of package)—95.5 Sn/4.0 Ag/0.5 Cu
Solder Ball Diameter
0.75 mm
Maximum Module Height
1.65 mm
Co-Planarity Specification
0.15 mm
Maximum Force
6.0 lbs. total, uniformly distributed over package (8 grams/ball)
10
11
Input Data Valid
12
13
Output Data Valid
TCK
TDI, TMS
TDO
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com