Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C669-MT Datasheet(PDF) 7 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 7 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 3Page - Microchip Technology FDC37C669-MT Datasheet HTML 4Page - Microchip Technology FDC37C669-MT Datasheet HTML 5Page - Microchip Technology FDC37C669-MT Datasheet HTML 6Page - Microchip Technology FDC37C669-MT Datasheet HTML 7Page - Microchip Technology FDC37C669-MT Datasheet HTML 8Page - Microchip Technology FDC37C669-MT Datasheet HTML 9Page - Microchip Technology FDC37C669-MT Datasheet HTML 10Page - Microchip Technology FDC37C669-MT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 162 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
QFP/
TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
19,
37-40,
Interrupt Request
A, C, D,
E, F,
IRQ_A
IRQ_C
IRQ_D
IRQ_E
IRQ_F
O24
OD24
The interrupt request from the logical device
or IRQIN is output on one of the IRQA-G
signals.
Refer to the configuration registers
for more information.
If EPP or ECP Mode is enabled, this output is
pulsed low, then released to allow sharing of
interrupts.
27
Chip Select Input
nCS
I
When enabled, this active low pin serves as
an input for an external decoder circuit which
is used to qualify address lines above A10.
57
Reset
RESET
IS
This active high signal resets the chip and
must be valid for 500 ns minimum. The effect
on the internal registers is described in the
appropriate
section.
The
configuration
registers are not affected by this reset.
FLOPPY DISK INTERFACE
16
nRead Disk Data
nRDATA
IS
Raw serial bit stream from the disk drive, low
active.
Each falling edge represents a flux
transition of the encoded data.
10
nWrite
Gate
nWGATE
OD48
This active low high current driver allows
current to flow through the write head.
It
becomes active just prior to writing to the
diskette.
9
nWrite
Data
nWDATA
OD48
This active low high current driver provides the
encoded data to the disk drive. Each falling
edge causes a flux transition on the media.
11
nHead
Select
nHDSEL
OD48
This high current output selects the floppy disk
side for reading or writing. A logic "1" on this
pin means side 0 will be accessed, while a
logic "0" means side 1 will be accessed.
7
Direction
Control
nDIR
OD48
This high current low active output determines
the direction of the head movement. A logic
"1" on this pin means outward motion, while a
logic "0" means inward motion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com