Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C669-MT Datasheet(PDF) 80 Page - Microchip Technology

Part # FDC37C669-MT
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C669-MT Datasheet(HTML) 80 Page - Microchip Technology

Back Button FDC37C669-MT Datasheet HTML 76Page - Microchip Technology FDC37C669-MT Datasheet HTML 77Page - Microchip Technology FDC37C669-MT Datasheet HTML 78Page - Microchip Technology FDC37C669-MT Datasheet HTML 79Page - Microchip Technology FDC37C669-MT Datasheet HTML 80Page - Microchip Technology FDC37C669-MT Datasheet HTML 81Page - Microchip Technology FDC37C669-MT Datasheet HTML 82Page - Microchip Technology FDC37C669-MT Datasheet HTML 83Page - Microchip Technology FDC37C669-MT Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 162 page
background image
80
FIFO INTERRUPT MODE OPERATION
When the RCVR FIFO and receiver interrupts are
enabled (FCR bit 0 = "1", IER bit 0 = "1"), RCVR
interrupts occur as follows:
A. The receive data available interrupt will be issued
when the FIFO has reached its programmed trigger
level; it is cleared as soon as the FIFO drops below its
programmed trigger level.
B. The IIR receive data available indication also occurs
when the FIFO trigger level is reached. It is cleared
when the FIFO drops below the trigger level.
C. The receiver line status interrupt (IIR=06H), has
higher priority than the received data available
(IIR=04H) interrupt.
D. The data ready bit (LSR bit 0)is set as soon as a
character is transferred from the shift register to the
RCVR FIFO. It is reset when the FIFO is empty.
When RCVR FIFO and receiver interrupts are enabled,
RCVR FIFO timeout interrupts occur as follows:
A. A FIFO timeout interrupt occurs if all the following
conditions exist:
- At least one character is in the FIFO
- The most recent serial character received was
longer than 4 continuous character times ago. (If 2
stop bits are programmed, the second one is
included in this time delay.)
- The most recent CPU read of the FIFO was longer
than 4 continuous character times ago.
This will cause a maximum character received to
interrupt issued delay of 160 msec at 300 BAUD with
a 12 bit character.
B. Character times are calculated by using the RCLK
input for a clock signal (this makes the delay
proportional to the baudrate).
C. When a timeout interrupt has occurred it is cleared
and the timer reset when the CPU reads one
character from the RCVR FIFO.
D. When a timeout interrupt has not occurred the timeout
timer is reset after a new character is received or after
the CPU reads the RCVR FIFO.
When the XMIT FIFO and transmitter interrupts are
enabled (FCR bit 0 = "1", IER bit 1 = "1"), XMIT interrupts
occur as follows:
A. The transmitter holding register interrupt (02H) occurs
when the XMIT FIFO is empty; it is cleared as soon
as the transmitter holding register is written to (1 of 16
characters may be written to the XMIT FIFO while
servicing this interrupt) or the IIR is read.
B. The transmitter FIFO empty indications will be
delayed 1 character time minus the last stop bit time
whenever the following occurs: THRE=1 and there
have not been at least two bytes at the same time in
the transmitter FIFO since the last THRE=1. The
transmitter interrupt after changing FCR0 will be
immediate, if it is enabled.
Character timeout and RCVR FIFO trigger level interrupts
have the sme priority as the current received data
available interrupt; XMIT FIFO empty has the same
priority as the current transmitter holding register empty
interrupt.
FIFO POLLED MODE OPERATION
With FCR bit 0 = "1" resetting IER bits 0, 1, 2 or 3 or all to
zero puts the UART in the FIFO Polled
Mode of
operation. Since the RCVR and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com